データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1633 データシート(PDF) 6 Page - Texas Instruments

部品番号 UC1633
部品情報  Phase Locked Frequency Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1633 データシート(HTML) 6 Page - Texas Instruments

  UC1633 Datasheet HTML 1Page - Texas Instruments UC1633 Datasheet HTML 2Page - Texas Instruments UC1633 Datasheet HTML 3Page - Texas Instruments UC1633 Datasheet HTML 4Page - Texas Instruments UC1633 Datasheet HTML 5Page - Texas Instruments UC1633 Datasheet HTML 6Page - Texas Instruments UC1633 Datasheet HTML 7Page - Texas Instruments UC1633 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UC1633
UC2633
UC3633
APPLICATION AND OPERATION INFORMATION
νOUT
νIN
(s) =
R3
R1
1
+ sω z
1
+ sω p
ωp =
1
R2C1
ωz =
1
(R1 + R2) C1
Where: |
∆VOUT| = |VOUT - 2.5V|
and VOUT = DC Operating Voltage At
Loop Amplifier Output During Phase Lock
If:
(VOUT - 2.5) > 0, R4 Goes to 0V
(VOUT - 2.5) < 0, R4 Goes to 5.0V
* The static phase error of the loop is easily adjusted by
adding resistor, R4, as shown. To lock at zero phase error
R4 is determined by:
R4
=
2.5V
R3
|
VOUT |
νOUT
νIN
(s) =
1
1
+
s
2
ζ
ωN
+
s
2
ωN2
ωN =
1
√
R1
R2
C1C2
ζ
=
1
2Q
=
1
2
C2
C1
R1
+ R2
√
R1R2
Note: with R1 = R2,
ζ
=
√C2
C1
Reference Filter Design Aid - Gain Response
Reference Filter Design Aid - Phase Response
Reference Filter Configuration
Suggested Loop Filter Configuration
6


同様の部品番号 - UC1633

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
More results

同様の説明 - UC1633

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com