データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1633 データシート(PDF) 2 Page - Texas Instruments

部品番号 UC1633
部品情報  Phase Locked Frequency Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1633 データシート(HTML) 2 Page - Texas Instruments

  UC1633 Datasheet HTML 1Page - Texas Instruments UC1633 Datasheet HTML 2Page - Texas Instruments UC1633 Datasheet HTML 3Page - Texas Instruments UC1633 Datasheet HTML 4Page - Texas Instruments UC1633 Datasheet HTML 5Page - Texas Instruments UC1633 Datasheet HTML 6Page - Texas Instruments UC1633 Datasheet HTML 7Page - Texas Instruments UC1633 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Supply Current
+VIN = 15V
20
28
mA
Reference
Output Voltage (VREF)
4.75
5.0
5.25
V
Load Regulation
IOUT = 0V to 7mA
5.0
20
mV
Line Regulation
+VIN = 8V to 15V
2.0
20
mV
Short Circuit Current
VOUT = 0V
12
30
mA
Oscillator
DC Voltage Gain
Oscillator Input to Oscillator Output
12
16
20
dB
Input DC Level (VIB)
Oscillator Input Pin Open, TJ = 25°C
1.15
1.3
1.45
V
Input Impedance (Note 3)
VIN = VIB
±0.5V, TJ = 25°C
1.3
1.6
1.9
k
Output DC Level
Oscillator Input Pin Open, TJ = 25°C
1.2
1.4
1.6
V
Maximum Operating Frequency
10
MHz
Dividers
Maximum Input Frequency
Input = 1VPP at Oscillator Input
10
MHz
Div. 4/5 Input Current
Input = 5V (Div. by 4)
150
500
µA
Input = 0V (Div. by 5)
-5.0
0.0
5.0
µA
Div. 4/5 Threshold
0.5
1.6
2.2
V
Note 3: These impedence levels will vary with TJ at about 1700ppm/°C
UC1633
UC2633
UC3633
Input Supply Voltage (+VIN) . . . . . . . . . . . . . . . . . . . . . . . . +20V
Reference Output Current . . . . . . . . . . . . . . . . . . . . . . . . -30mA
Op-Amp Output Currents . . . . . . . . . . . . . . . . . . . . . . . .
±30mA
Op-Amp Input Voltages . . . . . . . . . . . . . . . . . . . . . -.3V to +20V
Phase Detector Output Current . . . . . . . . . . . . . . . . . . .
±10mA
Lock Indicator Output Current . . . . . . . . . . . . . . . . . . . . +15mA
Lock Indicator Output Voltage . . . . . . . . . . . . . . . . . . . . . . +20V
Divide Select Input Voltages . . . . . . . . . . . . . . . . . -.3V to +10V
Double Edge Disable Input Voltage . . . . . . . . . . . . -.3V to +10V
Oscillator Input Voltage . . . . . . . . . . . . . . . . . . . . . . -.3V to +5V
Sense Amplifier Input Voltage . . . . . . . . . . . . . . . . .3V to +20V
Power Dissipation at TA = 25°C (Note 2 . . . . . . . . . . . 1000mW
Power dissipation at TC = 25°C (Note 2) . . . . . . . . . . . 2000mW
Operating Junction Temperature . . . . . . . . . . . -55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
ABSOLUTE MAXIMUM RATINGS
CONNECTION DIAGRAMS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Div 4/5 Input
2
Div 2/4/8 Input
3
Lock Indicator Output
4
Phase Detector Output
5
N/C
6
Dbl Edge Disable Input
7
Sense Amp Input
8
5V Ref Output
9
Loop Amp Inv Input
10
N/C
11
Loop Amp Output
12
Aux Amp Non-Inv Input
13
Aux Amp Inv Input
14
Aux Amp Output
15
N/C
16
+VIN
17
OSC Output
18
OSC Input
19
Ground
20
PLCC-20 (TOP VIEW)
Q Package
Note1: Voltages are referenced to ground, (Pin 16). Currents
are positive into, negative out of, the specified terminals.
Note 2: Consult Packaging Section of Databook for thermal limi-
tations and considerations of package.
DIL-16 (TOP VIEW)
J or N Package
ELECTRICAL CHARACTERISTICS: (Unless otherwise stated, these specifications apply for TA = 0°C to +70°C for the
UC3633, -25
°C to +85°C for the UC2633, -55°C to +125°C for the UC1633, +VIN =
12V; TA=TJ.)
2


同様の部品番号 - UC1633

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
More results

同様の説明 - UC1633

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com