データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2524AN データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2524AN
部品情報  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2524AN データシート(HTML) 1 Page - Texas Instruments

  UC2524AN Datasheet HTML 1Page - Texas Instruments UC2524AN Datasheet HTML 2Page - Texas Instruments UC2524AN Datasheet HTML 3Page - Texas Instruments UC2524AN Datasheet HTML 4Page - Texas Instruments UC2524AN Datasheet HTML 5Page - Texas Instruments UC2524AN Datasheet HTML 6Page - Texas Instruments UC2524AN Datasheet HTML 7Page - Texas Instruments UC2524AN Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1524A
UC2524A
UC3524A
DESCRIPTION
The UC1524A family of regulating PWM ICs has been designed to retain the
same highly versatile architecture of the industry standard UC1524 (SG1524)
while offering substantial improvements to many of its limitations. The UC1524A
is pin compatible with “non-A” models and in most existing applications can be
directly interchanged with no effect on power supply performance. Using the
UC1524A, however, frees the designer from many concerns which typically had
required additional circuitry to solve.
The UC1524A includes a precise 5V reference trimmed to
±1% accuracy, elimi-
nating the need for potentiometer adjustments; an error amplifier with an input
range which includes 5V, eliminating the need for a reference divider; a current
sense amplifier useful in either the ground or power supply output lines; and a
pair of 60V, 200mA uncommitted transistor switches which greatly enhance out-
put versatility.
An additional feature of the UC1524A is an under-voltage lockout circuit which
disables all the internal circuitry, except the reference, until the input voltage has
risen to 8V. This holds standby current low until turn-on, greatly simplifying the
design of low power, off-line supplies. The turn-on circuit has approximately
600mV of hysteresis for jitter-free activation.
Other product enhancements included in the UC1524A’s design include a PWM
latch which insures freedom from multiple pulsing within a period, even in noisy
environments, logic to eliminate double pulsing on a single output, a 200ns ex-
ternal shutdown capability, and automatic thermal protection from excessive
chip temperature. The oscillator circuit of the UC1524A is usable beyond 500kHz
and is now easier to synchronize with an external clock pulse.
The UC1524A is packaged in a hermetic 16-pin DIP and is rated for operation
from -55°C to +125°C. The UC2524A and 3524A are available in either ceramic
or plastic packages and are rated for operation from -40°C to +85°C and 0°C to
70°C, respectively. Surface mount devices are also available.
FEATURES
Fully Interchangeable with
Standard UC1524 Family
Precision Reference Internally
Trimmed to
±1%
High-Performance Current Limit
Function
Under-Voltage Lockout with
Hysteretic Turn-on
Start-Up Supply Current Less
Than 4mA
Output Current to 200mA
60V Output Capability
Wide Common-Mode Input
Range for both Error and
Current Limit Amplifiers
PWM Latch Insures Single
Pulse per Period
Double Pulse Suppression
Logic
200ns Shutdown through PWM
Latch
Guaranteed Frequency
Accuracy
Thermal Shutdown Protection
Advanced Regulating Pulse Width Modulators
15
3
6
7
9
1
2
4
5
16
12
11
13
14
10
8
+
+
V
IN
V
IN
+
OSC
6V
CL (–) SENSE
N.I. INPUT
COMP
C
T
R
T
OSC
V
IN
CL (+) SENSE
INV. INPUT
U.V.
SENSE
POWER TO
INTERNAL
CIRCUITRY
+5V
REFERENCE
REGULATOR
V
REF
C
A
E
A
C
B
E
B
SHUTDOWN
GND
PWM
LATCH
FLIP
FLOP
10k
1k
5.5V
C/L
E/A
200mV
RAMP
COMP
CLOCK
E/A
S
S
R
T
BLOCK DIAGRAM
SLUS181A - NOVEMBER 1999
UDG-99178


同様の部品番号 - UC2524AN

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2524AN TI-UC2524AN Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524AN TI1-UC2524AN Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ANG4 TI-UC2524ANG4 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ANG4 TI1-UC2524ANG4 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

同様の説明 - UC2524AN

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com