データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC6601 データシート(PDF) 19 Page - Torex Semiconductor

部品番号 XC6601
部品情報  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 データシート(HTML) 19 Page - Torex Semiconductor

Back Button XC6601_2 Datasheet HTML 15Page - Torex Semiconductor XC6601_2 Datasheet HTML 16Page - Torex Semiconductor XC6601_2 Datasheet HTML 17Page - Torex Semiconductor XC6601_2 Datasheet HTML 18Page - Torex Semiconductor XC6601_2 Datasheet HTML 19Page - Torex Semiconductor XC6601_2 Datasheet HTML 20Page - Torex Semiconductor XC6601_2 Datasheet HTML 21Page - Torex Semiconductor XC6601_2 Datasheet HTML 22Page - Torex Semiconductor XC6601_2 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19/33
XC6601
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Supply Bias Current vs. Bias Voltage
(6) Supply Input Current vs. Input Voltage
XC6601x071
0
10
20
30
40
012
3456
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
C
IN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
VIN=1.0V
XC6601x121
0
10
20
30
40
01
2
3
4
5
6
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
IN=1.5V
XC6601x071
0.0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
BIAS=3.6V
XC6601x121
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
BIAS=3.6V
XC6601x181
0
10
20
30
40
01
23
45
6
Bias Voltage: VBIAS(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
IN=2.1V
XC6601x181
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN(V)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
BIAS=3.6V


同様の部品番号 - XC6601_2

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ML TOREX-XC6601A071ML Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071MR TOREX-XC6601A071MR Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071PL TOREX-XC6601A071PL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

同様の説明 - XC6601_2

メーカー部品番号データシート部品情報
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com