データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2-3 データシート(PDF) 1 Page - Texas Instruments

部品番号 UC2-3
部品情報  Fast LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2-3 データシート(HTML) 1 Page - Texas Instruments

  UC2-3 Datasheet HTML 1Page - Texas Instruments UC2-3 Datasheet HTML 2Page - Texas Instruments UC2-3 Datasheet HTML 3Page - Texas Instruments UC2-3 Datasheet HTML 4Page - Texas Instruments UC2-3 Datasheet HTML 5Page - Texas Instruments UC2-3 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
SLUS317 - JANUARY 1999
FEATURES
• Fast Transient Response
• 10mA to 3A Load Current
• Short Circuit Protection
• Maximum Dropout of 450mV at 3A
Load Current
• Separate Bias and VIN Pins
• Available in Adjustable or Fixed
Output Voltages
• 5 Pin Package allows Kelvin Sensing
of Load Voltage
• Reverse Current Protection
DESCRIPTION
The UC382 is a low dropout linear regulator providing a quick response to
fast load changes. Combined with its precision on-board reference, the
UC382 excels at driving GTL and BTL buses. Due to its fast response to
load transients, the total capacitance required to decouple the regulator’s
output can be significantly decreased when compared to standard LDO lin-
ear regulators.
Dropout voltage (VIN to VOUT) is only 450mV maximum at 100°C and
350mV typical at 3A load.
The on-board bandgap reference is stable with temperature and scaled for
a 1.200V input to the internal power amplifier. The UC382 is available in
fixed output voltages of 1.5V, 2.1V, or 2.5V. The output voltage of the adjust-
able version can be set with two external resistors. If the external resistors
are omitted, the output voltage defaults to 1.2V.
Fast LDO Linear Regulator
BLOCK DIAGRAM
UDG-96037-1


同様の部品番号 - UC2-3

メーカー部品番号データシート部品情報
logo
Kemet Corporation
UC2-3SNE-L KEMET-UC2-3SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-3SNE-L KEMET-UC2-3SNE-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-3SNEN-L KEMET-UC2-3SNEN-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-3SNEN-L KEMET-UC2-3SNEN-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-3SNJ-L KEMET-UC2-3SNJ-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results

同様の説明 - UC2-3

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com