データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4815M データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LA4815M
部品情報  Monaural Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815M データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4815M Datasheet HTML 4Page - Sanyo Semicon Device LA4815M Datasheet HTML 5Page - Sanyo Semicon Device LA4815M Datasheet HTML 6Page - Sanyo Semicon Device LA4815M Datasheet HTML 7Page - Sanyo Semicon Device LA4815M Datasheet HTML 8Page - Sanyo Semicon Device LA4815M Datasheet HTML 9Page - Sanyo Semicon Device LA4815M Datasheet HTML 10Page - Sanyo Semicon Device LA4815M Datasheet HTML 11Page - Sanyo Semicon Device LA4815M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LA4815M
No.A1373-8/14
5. Popping noise reduction during power-off
The power supply line can be directly controlled ON and OFF without using the mute function. However, when using
a high supply voltage, the shock noise and aftersound during power-off tends to worsen. One method of coping with
this is to connect a capacitor between Pin 6 (VCC) and Pin 7 (MUTE) as shown in Fig. 9 so that the auto mute function
operates during power-off.
Recommended value = 1
µF
Figure 9
6. Input coupling capacitor (Cin)
Cin is an input coupling capacitor, and is used for DC cutting. However, this capacitor is also used to improve the ripple
rejection ratio, which changes according to the capacitance value (recommended value = 1
µF). In addition, this
capacitor also affects the transient response characteristics during power-on and when mute is canceled, so the constant
should be set in consideration of these characteristics.
Design reference value = approximately 0.33 to 3.3
µF
• Ripple rejection ratio : Increasing the capacitance value increases the rate, and reducing the value reduces the rate.
• Rise response speed : Increasing the capacitance value reduces the speed, and reducing the value increases the
speed.
• Popping noise : Increasing the capacitance value reduces the noise, and reducing the value increases the noise.
7. Output coupling capacitor (Cout)
Cout is an output coupling capacitor used for DC cutting. However, this capacitor, Cout, in combination with load
impedance RL forms a high-pass filter and attenuates the low frequency signal. Take into account the cutoff frequency
when determining the capacitance value. In addition, normally a chemical capacitor is used for this capacitor, but the
capacitance value of chemical capacitors decreases at low temperatures, so the value should be set in accordance with
this characteristic.
The cutoff frequency is expressed by the following formula.
fc = 1/(2
π × RL × Cout)
8. Output phase compensation capacitor (Cosc)
The Cosc capacitor is used to prevent output oscillation. Use a ceramic capacitor (recommended value = 0.1
µF) with
good high frequency characteristics, and locate this capacitor as close to the IC as possible.
9. Power supply capacitor (CVCC)
The CVCC capacitor is used to suppress the ripple component of the power supply line. Normally a chemical capacitor
(recommended value = 10
µF) is used for this capacitor. However, chemical capacitors have poor high frequency
characteristics, so when using a CPU, DSP or other IC that generates digital noise in the set, it is recommended that a
power supply bypass capacitor (ceramic capacitor, recommended value = approximately 0.1
µF) be added to reject
high-frequency components. Locate this bypass capacitor as close to the IC as possible.
+
+
Cmt
1
µF
CVCC
LA4815M
VCC
MUTE
6
7


同様の部品番号 - LA4815M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
258Kb / 14P
   Monaural Power Amplifier
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
More results

同様の説明 - LA4815M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com