データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA72912V データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA72912V
部品情報  FM Modulator and Demodulator IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72912V データシート(HTML) 2 Page - Sanyo Semicon Device

  LA72912V Datasheet HTML 1Page - Sanyo Semicon Device LA72912V Datasheet HTML 2Page - Sanyo Semicon Device LA72912V Datasheet HTML 3Page - Sanyo Semicon Device LA72912V Datasheet HTML 4Page - Sanyo Semicon Device LA72912V Datasheet HTML 5Page - Sanyo Semicon Device LA72912V Datasheet HTML 6Page - Sanyo Semicon Device LA72912V Datasheet HTML 7Page - Sanyo Semicon Device LA72912V Datasheet HTML 8Page - Sanyo Semicon Device LA72912V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LA72912V
No.A1409-2/12
Electrical Characteristics at Ta
= 25°C, VCC = 5V
DC CHARACTERISTICS T6 = 0.4V, T17 = 2.0V, T18 = 0.4V
Ratings
Parameter
Symbol
In
OUT
Conditions
min
typ
max
Unit
Control terminal
(Pin6,9) Low level
CNT6L
CNT17L
T6
T17
Low level of control terminal of ALL mode.
T6 = 0.4V(DEMOD mode),T17 = 0.4V (Standby mode)
0
0.4
V
Control terminal
(Pin6,9)High level
CNT6H
CNT17H
T6
T17
High level of input terminal of ALL mode
T6 = 2.0V (MOD mode), T17 = 2.0V (Normal mode)
2.0
5.0
V
Input5 Low level
IN5L
T5
Low level of input terminal of MOD mode
T6 = 2.0V, T17 = 2.0V, T18 = 0.4V
0
0.4
V
Input5 High level
IN5H
T5
High level of input terminal of MOD mode
T6 = 2.0V, T17 = 2.0V, T18 = 0.4V
2.0
5.0
V
Input18 Low level
IN18L
T18
Low level of input terminal of MOD mode
T5 = 0.4V, T6 = 2.0V, T17 = 2.0V
0
0.4
V
Input18 High level
IN18H
T18
High level of input terminal of MOD mode
T5 = 0.4V, T6 = 2.0V, T17 = 2.0V
2.0
5.0
V
Output18 terminal
High level
OPH18
T18
DEMOD mode: FM-Signal input
T6 = 0.4V, T17 = 2.0V, Pull-UP:15K
4.7
V
Output18 terminal
Low level
OPL13
OPL18
T18
T18: DEMOD mode: FM No-signal
Measure the sink level of output terminal.
T6 = 0.4V, T17 = 2.0V, Pull-UP:15K
0
0.25
0.4
V
InpuT20 Low level
IN20L
T20
T20
Voltage of terminal at AGC ON
T6 = 0.4V, T17 = 2.0V
0
3
V
InpuT20 High level
IN20H
T20
T20
Voltage of terminal at AGC OFF
T6 = 0.4V, T17 = 2.0V
4.5
5.0
V
5pin AC input dynamic
range
ACIN5
T5A
T3
Input amplitude level of FM signal
Freq: 11.5MHz to 13.5MHz
1000
mVp-p
16pin AC input
dynamic range
ACIN16
T24A
T3
Maximum input level of T24A at Video signal
1.5
Vp-p
Video FM Modulation Block (MOD) T6=2.0V,T17=2.0V,T18=0.4V
Ratings
Parameter
Symbol
In
OUT
Conditions
min
typ
max
Unit
Current dissipation
ICCR
measure the currents into pins 2 (MOD mode)
22.0
27.0
32.0
mA
FM modulator output
level
VFM1
T3
Measure the output level on T3 (No signal input)
It is load impedance 200
Ω between T3-GND.
1.8
2.2
Vp-p
FM Mute output level
VFM2
T3
Measure the T3 output level with 2nd call
0
10
20
mVp-p
Carrier frequency
FFM
T3
Measure the output frequency on T3
with no signal input
10.9
11.5
12.1
MHz
FM output Second
harmonic distortion
THD2
T3
Measure the second harmonics distortion
with the above condition
-30
-20
dB
Deviation
DEV
T24A
T3
With T24A 100% White 1Vp-p signal,
Measure the deviation on T3
1.9
2.0
2.1
MHz
FM modulator linearity
(11.5MHz to 13.5MHz)
LMOD
T24A
T3
Let f2.85, f3.35 and f3.85 be the output frequency
when 2.85V, 3.35V and 3.85V is applied to T24A
LMOD =
f3.35 - (f3.85 + f2.85) / 2
f3.85 - f2.85
×100
-2
0
+2
%
Emphasis gain
GEMP
T24A T20
With VIN a 300mVp-p 10kHz sine wave,
Measure the ratio of the levels on T24A and T20
-7.5
-6.0
-4.5
dB
Main linear emphasis
characteristics(1)
GME1
T24A T20
With VIN a 300mVp-p 500kHz sine wave,
Measure the ratio of the levels on T24A and T20
0.0
1.5
3.0
dB
Main linear emphasis
characteristics(2)
GME2
T24A T20
With VIN a 300mVp-p 2MHz sine wave,
Measure the ratio of the levels on T24A and T20
4.0
5.5
7.0
dB
White clipping level
LWC
T24A T20
With VIN a 1.5Vp-p 100% white video signal.
Measure the white clipping level on T20
180
200
220
%
Dark clipping level
LDC
T24A T20
With VIN a 1.5Vp-p 100% white video signal.
Measure the dark clipping level on T20.
-60
-50
-40
%
FM stop beginning
delay time
(VD characteristic 1B)
TC1
T5
T3
C7 = 0.01
µF, Time from fall of T5 signal to doing of
FM carrier of T3 STOP
240
300
360
µs
FM stop time
(VD characteristic2A)
TC2
T5
T3
C8 = 0.001
µF, Stop time of FM carrier of T3
30
40
50
µs
Minimum VD pulse
width
VDT
T5
T3
C7 = 0.01
µF, Minimum VD pulse width to which
TC1B is normally output
63
µs


同様の部品番号 - LA72912V

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
More results

同様の説明 - LA72912V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com