データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3836 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3836
部品情報  High Efficiency Regulator Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC3836 データシート(HTML) 2 Page - Texas Instruments

  UC3836 Datasheet HTML 1Page - Texas Instruments UC3836 Datasheet HTML 2Page - Texas Instruments UC3836 Datasheet HTML 3Page - Texas Instruments UC3836 Datasheet HTML 4Page - Texas Instruments UC3836 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UC1835
UC1836
UC2835
UC2836
UC3835
UC3836
SOIC-16 (TOP VIEW)
DW Package
CONNECTION DIAGRAMS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
+VIN
2
+VIN
3
N/C
4
Compensation/
Shutdown
5
N/C
6
Ground
7
N/C
8
N/C
9
Driver Source
10
N/C
11
VOUT Sense
12
N/C
13
N/C
14
Driver Sink
15
N/C
16
Current Limit (-)
17
N/C
18
Sense Resistor Out
19
Sense Resistor Out
20
DIL-8, SOIC-8 (TOP VIEW)
N or J Package, D Package
PLCC-20, LCC-20
(TOP VIEW)
Q, L Packages
Input Supply Voltage (+VIN) . . . . . . . . . . . . . . . . –1.0V to + 40V
Driver Output Current (Sink or Source) . . . . . . . . . . . . . 600mA
Driver Source to Sink Voltage . . . . . . . . . . . . . . . . . . . . . + 40V
Maximum Current Through Sense Resistor. . . . . . . . . . . . . . 4A
VOUT Sense Input Voltage . . . . . . . . . . . . . . . . . . –.3V to + 40V
Power Dissipation at TA = 25°C (Note 2) . . . . . . . . . . . 1000mW
Power Dissipation at TC = 25°C (Note 2) . . . . . . . . . . . 2000mW
Operating Junction Temperature . . . . . . . . . . . -55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
Note 1: Voltages are referenced to ground, (Pin 3). Currents are
positive into, negative out of, the specified terminals.
Consult Packaging Section of Databook for thermal
considerations and limitations of packages.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, specifications hold for TA = 0°C to + 70°C for the
UC3835/6, –25°C to + 85°C for the UC2835/6, and –55°C to +125°C for the
UC1835/6, +VIN = 6V, Driver Source= 0V, Driver Sink = 5V, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Input Supply
Supply Current
+VIN = 6V
2.75
4.0
mA
+VIN = 40V
3.75
6.0
mA
UVLO Threshold
+VIN Low to High, VOUT Sense = 0V
3.9
4.4
4.9
V
Threshold Hysteresis
0.1
0.35
V
Reverse Current
+VIN = -1.0V, Driver Sink Open
6.0
20
mA
Regulating Voltage and Error Amplifier (UC1835 Family Only)
Regulating Level at VOUT Sense (VREG)
Driver Current = 10mA, TJ = 25°C
4.94
5.0
5.06
V
Over Temperature
4.9
5.1
V
Line Regulation
+VIN = 5.2V + 35V
15
40
mV
Load Regulation
Driver Current = 0 to 250mA
6.0
25
mV
Bias Current at VOUT Sense
VOUT Sense = 5.0V
75
125
210
µA
Error Amp Transconductance
±100µA at Compensation/Shutdown Pin
0.8
1.3
2.0
mS
Maximum Compensation Output Current
Sink or Source, Driver Source Open
90
200
260
µA
ABSOLUTE MAXIMUM RATINGS (Note 1)
2


同様の部品番号 - UC3836

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3836 TI1-UC3836 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836 TI-UC3836 Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836D TI1-UC3836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836D TI-UC3836D Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836DG4 TI1-UC3836DG4 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results

同様の説明 - UC3836

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835N TI1-UC2835N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com