データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SMA3101 データシート(Datasheet) 1 Page - Sanyo Semicon Device

部品番号. SMA3101
部品情報  Silicon MMIC Wideband Amplifi er
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
SMA3101
No.A1431-1/5
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Features
High Gain
: Gp=25dB typ. @1GHz
Wideband response
: fu=3.0GHz
Low current
: ICC=10mA typ.
Port impedance
: input/output 50Ω
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
6V
Circuit Current
ICC
25
mA
Allowable Power Dissipation
PD
280
mW
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
4.5
5
5.5
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
42209AM MS IM TC-00001893
SANYO Semiconductors
DATA SHEET
SMA3101 SiliconMMIC
Wideband Amplifier
www.semiconductor-sanyo.com/network
Ordering number : ENA1431




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl