データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK433-090-E データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 STK433-090-E
部品情報  2-channel class AB audio power IC,80W80W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-090-E データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button STK433-090-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STK433-090-E
No. A1248-10/11
2) Load short-circuit detection block
Since the voltage between point B and point C is less than 0.6V in normal operation mode (VBE < 0.6V) and TR1 (or
TR2) is not activated, the load short-circuit detection block does not operate.
When a load short-circuit occurs, however, the voltage between point B and point C becomes larger than 0.6V,
causing TR1 (or TR2) to turn on (VBE > 0.6V), and current I2 to flows.
3) Latch-up circuit block
TR3 is activated when I2 is supplied to the latch-up circuit.
When TR3 turns on and current I3 starts flowing, VST goes down to 0V (standby mode), protecting the power
amplifier.
Since TR3 and TR4 configure a thyristor, once TR3 is activated, the IC is held in the standby mode.
To release the standby mode and reactivate the power amplifier, it is necessary to set the standby control voltage (*2)
temporarily low (0V). Subsequently, when the standby control is returned to high, the power amplifier will become
active again.
(*4) The I3 value varies depending on the supply voltage. Determine the value of R2 using the formula below, so that
I1 is equal to or less than I3.
I1
≤ I3 = VCC/R2
4) DC offset protection block
The DC offset protection circuit is activated when
±0.5V (typ) voltage is applied to either "OUT CH1" or "OUT
CH2," and the hybrid IC is shut down (standby mode).
To release the IC from the standby mode and reactivate the power amplifier, it is necessary to set the standby control
voltage temporarily low (0V).
Subsequently, when the standby control is returned to high (+5V, for example), the power amplifier will become
active again.
The protection level must be set using the 82k
Ω resistor. Furthermore, the time constant must be determined using
22
μ//22μ capacitors to prevent the amplifier from malfunctioning due to the audio signal.
STK433-100 Series BTL Application
2
3
4
5
67
8
9
10
11
12
13
14
1
15
+VCC
-VCC
STK433-100-E series
OUT
10
μF
/10V
4.7
Ω
0.1
μF
56k
Ω
3pF
56k
Ω
3pF
GND
Ch1 IN
2.2
μF
/50V
1k
Ω
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
SUB
GND
+PRE
ST-BY
100
μF
/100V
1.8k
Ω
100
μF
/100V
1.8k
Ω
Stand-by Control
Ch1
OUT
Ch2
OUT
-PRE
100
Ω
/1W
3
μH
100pF
0.22
Ω
0.22
Ω
4.7
Ω
3
μH
4.7
Ω/1W
0.1
μF
4.7
Ω
/1W
RL=8Ω
56k
Ω
33
μF
33
μF
10
μF
/10V
100
Ω/1W
100
μF
/100V
(*1) R1
(*1) The voltage applied to the Stand-by pin (#13) must not
exceed the maximum rated value (VST max).


同様の部品番号 - STK433-090-E

メーカー部品番号データシート部品情報
logo
Sunspirit Electronic Lt...
STK433-090LF SUNSPIRIT-STK433-090LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
More results

同様の説明 - STK433-090-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com