データシートサーチシステム |
|
UC3827N-1 データシート(PDF) 2 Page - Texas Instruments |
|
UC3827N-1 データシート(HTML) 2 Page - Texas Instruments |
2 / 15 page www.ti.com DESCRIPTION (CONTINUED) DISSIPATION RATINGS UC1827-1, UC1827-2 UC2827-1, UC2827-2 UC3827-1, UC3827-2 SLUS365A – APRIL 1999 – REVISED AUGUST 2005 The UC3827 can be set up in traditional voltage mode control using input voltage feedforward technique or in current mode control. Using current mode control prevents potential core saturation of the push-pull transformer due to mismatches in timing and in component tolerances. With average current mode control, precise control of the inductor current feeding the push-pull stage is possible without the noise sensitivity associated with peak current mode control. The UC3827 average current mode loop can also be connected in parallel with the voltage regulation loop to assist only in fault conditions. Other valuable features of the UC3827 include bidirectional synchronization capability, user programmable overlap time (UC3827-1), user programmable gap time (UC3827-2), a high bandwidth differential current sense amplifier, and soft start circuitry. ORDERING INFORMATION(1) PACKAGES TA = TJ PUSH-PULL TOPOLOGY SOIC-24 PDIP-24 PLCC-28 Current Fed UC1827J-1 UC1827J-1 -55°C to 125°C Voltage Fed UC1827J-2 UC1827J-2 Current Fed UC2827DW-1 UC2827N-1 - -40°C to 85°C Voltage Fed UC2827DW-2 UC2827N-2 - Current Fed UC3827DW-1 UC3827N-1 UC3827Q-1 0°C to 70°C Voltage Fed UC3827DW-2 UC3827N-2 - (1) The DW and Q packages are also available taped and reeled. Add a TR suffix to the device type (i.e., UC2827DWTR-1). PACKAGE ( θ JA) JUNCTION-TO-AMBIENT ( θ JC) JUNCTION-TO-WHAT? TEMPERATURE (°C/W) TEMPERATURE (°C/W) 24-pin (N) 60(1) 30 24-pin (J) 70 to 90 28(2) 28-pin (DW) 71 to 83(3) 24(3) 28-pin (QLCC) 40-65(1) 30 (1) Specified θ JA (junction-to-ambient) refers to devices mounted to 5-in 2 FR4 PC board with 1 oz. copper where noted. When a resistance range is given, the lower values refer to a 5-in2 aluminum PC board. The test PWB is 0.062 inches thick and typically used 0.635 mm trace widths for power packages and 1.3 mm trace widths for non-power packages with a 100 × 100 mil probe land area at the end of each trace. (2) Specified θ JC (junction-to-what?) data values stated were derived from MIL-STD-1835B which states "The baseline values shown are worst case (mean + 2s) for a 60 x 60 mil microcircuit device silicon die and applicable for devices with die sizes up to 14400 mils2. For device sizes greater than 14400 mils2 use the following values; dual-in-line, 11 °C/W; flat pack, 10 °C/W; pin grid array, 10 °C/W pin grid array, 10 °C/W." (3) Modeled data. If there is a value range given for θ JA, the lower value refers to a 3 x 3 in., 1-oz, internal copper ground plane. The higher value refers to a 1 x 1 in. ground plane. All model data assumes only one trace for each non-fused lead. 2 |
同様の部品番号 - UC3827N-1 |
|
同様の説明 - UC3827N-1 |