データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2872 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2872
部品情報  Resonant Lamp Ballast Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2872 データシート(HTML) 1 Page - Texas Instruments

  UC2872 Datasheet HTML 1Page - Texas Instruments UC2872 Datasheet HTML 2Page - Texas Instruments UC2872 Datasheet HTML 3Page - Texas Instruments UC2872 Datasheet HTML 4Page - Texas Instruments UC2872 Datasheet HTML 5Page - Texas Instruments UC2872 Datasheet HTML 6Page - Texas Instruments UC2872 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UC1872
UC2872
UC3872
07/99
FEATURES
• Controls Different Types of Lamps:
Cold Cathode Fluorescent, Neon, and
Gas Discharge
• Zero Voltage Switching (ZVS) of
Push-Pull Drivers
• Accurate Control of Lamp Current
• Variable Lamp Intensity Control
• 1µA Disable Current
• 4.5V to 24V Operation
• Open Lamp Detection Circuitry
DESCRIPTION
The UC3872 is a resonant lamp ballast controller optimized for driving
cold cathode fluorescent, neon, and other gas discharge lamps. The res-
onant power stage develops a sinusoidal lamp drive voltage, and mini-
mizes switching loss and EMI generation. Lamp intensity adjustment is
accomplished with a buck regulator, which is synchronized to the external
power stage’s resonant frequency. Suitable for automotive and battery
powered applications, the UC3872 draws only 1
µA when disabled.
Soft start and open lamp detect circuitry have been incorporated to mini-
mize component stresses. Open lamp detection is enabled at the comple-
tion of a soft start cycle. The chip is optimized for smooth duty cycle
control to 100%.
Other features include a precision 1.2% reference, undervoltage lockout,
and accurate minimum and maximum frequency control.
Resonant Lamp Ballast Controller
4
6
5
3
2
12
13
1
14
7
8
+
0.5V
SYNC
OUT
SENSE
OSCILLATOR
GND
+
OPEN
LAMP
DETECT
+
+
UVLO
3.0V
REF
10
9
11
R
S
T
TOGGLE
50k
50k
50k
PUSH PULL
OUTPUTS
N-CHANNEL
VC
AOUT
BOUT
COUT
PGND
0.1V
PWM
1
0.2V
200
µA
ZERO DETECT
ZD
CT
SS
INV
COMP
ENBL
REF
VCC
1.5V
20
µA
(HIGH=ENABLE)
BUCK DRIVE
P-CHANNEL
EA
BLOCK DIAGRAM
UDG-99112
Note: Pin numbers shown are for DIP package.
application
INFO
available


同様の部品番号 - UC2872

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2872 TI1-UC2872 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI1-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DWG4 TI1-UC2872DWG4 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DWTR TI1-UC2872DWTR Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results

同様の説明 - UC2872

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com