データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1879 データシート(PDF) 6 Page - Texas Instruments

部品番号 UC1879
部品情報  Phase Shift Resonant Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1879 データシート(HTML) 6 Page - Texas Instruments

  UC1879 Datasheet HTML 1Page - Texas Instruments UC1879 Datasheet HTML 2Page - Texas Instruments UC1879 Datasheet HTML 3Page - Texas Instruments UC1879 Datasheet HTML 4Page - Texas Instruments UC1879 Datasheet HTML 5Page - Texas Instruments UC1879 Datasheet HTML 6Page - Texas Instruments UC1879 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
UC1879
UC2879
UC3879
RT (Clock/Sync Duty Cycle Set Pin): The UC3879
oscillator produces a sawtooth waveform. The rising edge
is generated by connecting a resistor from RT to GND
and a capacitor from CT to GND (see CT pin
description). During the rising edge, the modulator has
linear control of the duty cycle. The duty cycle jumps to
100% when the voltage on COMP exceeds the oscillator
peak voltage. Selection of RT should be done first, based
on the required upper end of the linear duty cycle range
(Dlin) as follows:
()
RT
mA
Dlin
=
25
10
1
.
–
Recommended values for RT range from 2.5k to 100k.
SS: Connect a capacitor between this pin and GND to
set the soft start time. The voltage at SS will remain near
zero volts as long as VIN is below the UVLO threshold.
Soft start will be pulled up to about 4.8V by an internal
9
µA current source when VIN and VREF become valid
(assuming a non-fault condition). In the event of a current
fault (CS voltage exceeding 2.5V), soft start will be pulled
to GND and then ramp to 4.8V. If a fault occurs during the
soft start cycle, the outputs will be immediately disabled
and soft start must fully charge prior to resetting the fault
latch. For paralleled controllers, the soft start pins may be
paralleled to a single capacitor, but the charge currents
will be additive.
UVSEL: Connecting this pin to VIN sets a turn on voltage
of 10.75V with 1.5V of UVLO hysteresis. Leaving the pin
open-circuited programs a turn on voltage of 15.25V with
6.0V of hysteresis.
VC (Output Switch Supply Voltage): This pin supplies
power to the output drivers and their associated bias
circuitry. The difference between the output high drive
and VC is typically 2.1V. This supply should be bypassed
directly to PWRGND with a low ESR/ESL capacitor.
VIN (Primary Chip Supply Voltage): This pin supplies
power to the logic and analog circuitry on the integrated
circuit that is not directly associated with driving the
output stages. Connect VIN to a stable source above 12V
for normal operation. To ensure proper functionality, the
UC3879 is inactive until VIN exceeds the upper
undervoltage lockout threshold. This pin should be
bypassed directly to GND with a low ESR/ESL capacitor.
NOTE: When VIN exceeds the UVLO threshold the supply cur-
rent (IIN) jumps from about 100
µA to greater than 20mA. If the
UC3879 is not connected to a well bypassed supply, it may im-
mediately enter the UVLO state again. Therefore, sufficient by-
pass capacity must be added to ensure reliable startup.
VREF: This pin provides an accurate 5V voltage
reference. It is internally short circuit current limited.
VREF is disabled while VIN is below the UVLO threshold.
The
circuit
is
also
disabled
until
VREF
reaches
approximately 4.75V. For best results bypass VREF with
a 0.1
µF, low ESR/ESL capacitor.
PIN DESCRIPTIONS (cont.)
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
ADDITIONAL INFORMATION
Please refer to the following Unitrode publications for
additional information.
The following three topics are
available in the Applications Handbook.
[1] Application Note U-154,
The New UC3879 Phase-
Shifted PWM Controller Simplifies the Design of Zero
Voltage Transition Full-Bridge Converters by Laszlo
Balogh.
[2] Application Note U-136,
Phase Shifted, Zero Voltage
Transition Design Considerations and the UC3875 PWM
Controller by Bill Andreycak.
Design Note DN-63,
The Current-Doubler Rectifier: An
Alternative Rectification Technique for Push-Pull and
Bridge Converters by Laszlo Balogh.


同様の部品番号 - UC1879

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1879J TI1-UC1879J Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879J883B TI1-UC1879J883B Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

同様の説明 - UC1879

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com