データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2903N データシート(PDF) 1 Page - Texas Instruments

部品番号 UC2903N
部品情報  Quad Supply and Line Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2903N データシート(HTML) 1 Page - Texas Instruments

  UC2903N Datasheet HTML 1Page - Texas Instruments UC2903N Datasheet HTML 2Page - Texas Instruments UC2903N Datasheet HTML 3Page - Texas Instruments UC2903N Datasheet HTML 4Page - Texas Instruments UC2903N Datasheet HTML 5Page - Texas Instruments UC2903N Datasheet HTML 6Page - Texas Instruments UC2903N Datasheet HTML 7Page - Texas Instruments UC2903N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1903
UC2903
UC3903
Quad Supply and Line Monitor
FEATURES
Inputs for Monitoring up to Four
Separate Supply Voltage Levels
Internal Inverter for Sensing a
Negative Supply Voltage
Line/Switch Sense Input for Early
Power Source Failure Warning
Programmable Under- and
Over-Voltage Fault Thresholds
with Proportional Hysteresis
A Precision 2.5V Reference
General Purpose Op-Amp for
Auxiliary Use
Three High Current, >30mA,
Open-Collector Outputs Indicate
Over-Voltage, Under-Voltage
and Power OK Conditions
Input Supply Under-Voltage
Sensing and Start-Latch
Eliminate Erroneous Fault Alerts
During Start-Up
8-40V Supply Operation with
7mA Stand-By Current
DESCRIPTION
The UC1903 family of quad supply and line monitor integrated circuits will re-
spond to under- and over-voltage conditions on up to four continuously moni-
tored voltage levels. An internal op-amp inverter allows at least one of these
levels to be negative. A separate line/switcher sense input is available to pro-
vide early warning of line or other power source failures.
The fault window adjustment circuit on these devices provides easy program-
ming of under- and over-voltage thresholds. The thresholds, centered around
a precision 2.5V reference, have an input hysteresis that scales with the win-
dow width for precise, glitch-free operation. A reference output pin allows the
sense input fault windows to be scaled independently using simple resistive
dividers.
The three open collector outputs on these devices will sink in excess of 30mA
of load current when active. The under- and over-voltage outputs respond af-
ter separate, user defined, delays to respective fault conditions. The third out-
put is active during any fault condition including under- and over-voltage,
line/switcher faults, and input supply under-voltage. The off state of this out-
put indicates a "power OK" situation.
An additional, uncommitted, general purpose op-amp is also included. This
op-amp, capable of sourcing 20mA of output current, can be used for a num-
ber of auxiliary functions including the sensing and amplification of a feed-
back error signal when the 2.5V output is used as a system reference.
In addition, these ICs are equipped with a start-latch to prevent erroneous un-
der-voltage indications during start-up. These parts operate over an 8V to
40V input supply range and require a typical stand-by current of only 7mA.
BLOCK DIAGRAM
4/97
Note: Pin numbers refer to J, N and DW packages.


同様の部品番号 - UC2903N

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2903N TI1-UC2903N Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903NG4 TI1-UC2903NG4 Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

同様の説明 - UC2903N

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com