データシートサーチシステム |
|
ISL3034EIRTZ データシート(PDF) 3 Page - Intersil Corporation |
|
ISL3034EIRTZ データシート(HTML) 3 Page - Intersil Corporation |
3 / 16 page 3 FN6492.0 March 31, 2009 ISL3035E (16 LD TQFN) TOP VIEW ISL3035E (16 LD µTQFN) TOP VIEW ISL3036E (14 LD QFN) TOP VIEW ISL3036E (16 LD µTQFN) TOP VIEW Pinouts (Continued) 12 11 10 1 2 3 I/OVL1 VL I/OVL2 CLK_VL CLK_RET I/OVL5 THERMAL PAD 4 I/OVL3 9 I/OVL4 12 11 10 9 1 2 3 4 I/OVL1 VL I/OVL2 I/OVL3 CLK_VL CLK_RET I/OVL5 I/OVL4 2 4 5 1 I/OVL1 I/OVL2 I/OVL3 I/OVL4 14 3 12 10 9 11 7 8 I/OVCC2 I/OVCC3 I/OVCC4 NC NC 6 13 I/OVCC1 THERMAL PAD 12 11 10 9 1 2 3 4 I/OVL1 I/OVL2 I/OVL3 I/OVL4 I/OVCC1 I/OVCC2 I/OVCC3 I/OVCC4 Pin Descriptions NAME FUNCTION NOTES VCC VCC power supply, +2.2V to +3.6V. Decouple VCC to ground with a 0.1µF capacitor. For normal operation, VCC > VL. VL VL logic supply, +1.35V to +3.2V. Decouple VL to ground with a 0.1µF capacitor. For normal operation, VCC > VL. GND Ground Pin EN ±15kV IEC61000 ESD Protected Enable Input. Logic “0” puts the device in shutdown. Logic “1” enables the device. ISL3034E and ISL3036E only I/OVCCx ±15kV IEC61000 ESD Protected Input/Output channel referenced to VCC. CLK_VCC ±15kV IEC61000 ESD Protected Input/Output clock channel referenced to VCC. ISL3035E only I/OVLx ±15kV IEC61000 ESD Protected Input/Output channel referenced to VL. CLK_VL IEC61000 ESD Protected Input clock channel referenced to VL. ISL3035E only CLK_RET IEC61000 ESD Protected Output clock channel referenced to VL. ISL3035E only ISL3034E, ISL3035E, ISL3036E |
同様の部品番号 - ISL3034EIRTZ |
|
同様の説明 - ISL3034EIRTZ |