データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3036EIRZ-T データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL3036EIRZ-T
部品情報  4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3036EIRZ-T データシート(HTML) 3 Page - Intersil Corporation

  ISL3036EIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL3036EIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6492.0
March 31, 2009
ISL3035E
(16 LD TQFN)
TOP VIEW
ISL3035E
(16 LD µTQFN)
TOP VIEW
ISL3036E
(14 LD QFN)
TOP VIEW
ISL3036E
(16 LD µTQFN)
TOP VIEW
Pinouts (Continued)
12
11
10
1
2
3
I/OVL1
VL
I/OVL2
CLK_VL
CLK_RET
I/OVL5
THERMAL
PAD
4
I/OVL3
9 I/OVL4
12
11
10
9
1
2
3
4
I/OVL1
VL
I/OVL2
I/OVL3
CLK_VL
CLK_RET
I/OVL5
I/OVL4
2
4
5
1
I/OVL1
I/OVL2
I/OVL3
I/OVL4
14
3
12
10
9
11
7
8
I/OVCC2
I/OVCC3
I/OVCC4
NC
NC
6
13 I/OVCC1
THERMAL
PAD
12
11
10
9
1
2
3
4
I/OVL1
I/OVL2
I/OVL3
I/OVL4
I/OVCC1
I/OVCC2
I/OVCC3
I/OVCC4
Pin Descriptions
NAME
FUNCTION
NOTES
VCC
VCC power supply, +2.2V to +3.6V. Decouple VCC to ground with a 0.1µF capacitor.
For normal operation, VCC > VL.
VL
VL logic supply, +1.35V to +3.2V. Decouple VL to ground with a 0.1µF capacitor.
For normal operation, VCC > VL.
GND
Ground Pin
EN
±15kV IEC61000 ESD Protected Enable Input. Logic “0” puts the device in shutdown. Logic
“1” enables the device.
ISL3034E and ISL3036E only
I/OVCCx
±15kV IEC61000 ESD Protected Input/Output channel referenced to VCC.
CLK_VCC
±15kV IEC61000 ESD Protected Input/Output clock channel referenced to VCC.
ISL3035E only
I/OVLx
±15kV IEC61000 ESD Protected Input/Output channel referenced to VL.
CLK_VL
IEC61000 ESD Protected Input clock channel referenced to VL.
ISL3035E only
CLK_RET
IEC61000 ESD Protected Output clock channel referenced to VL.
ISL3035E only
ISL3034E, ISL3035E, ISL3036E


同様の部品番号 - ISL3036EIRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3036E INTERSIL-ISL3036E Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
ISL3036E INTERSIL-ISL3036E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISL3036EIRZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com