データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1843AJQMLV データシート(PDF) 4 Page - Texas Instruments

部品番号 UC1843AJQMLV
部品情報  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1843AJQMLV データシート(HTML) 4 Page - Texas Instruments

  UC1843AJQMLV Datasheet HTML 1Page - Texas Instruments UC1843AJQMLV Datasheet HTML 2Page - Texas Instruments UC1843AJQMLV Datasheet HTML 3Page - Texas Instruments UC1843AJQMLV Datasheet HTML 4Page - Texas Instruments UC1843AJQMLV Datasheet HTML 5Page - Texas Instruments UC1843AJQMLV Datasheet HTML 6Page - Texas Instruments UC1843AJQMLV Datasheet HTML 7Page - Texas Instruments UC1843AJQMLV Datasheet HTML 8Page - Texas Instruments UC1843AJQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
PARAMETER
TEST CONDITIONS
UC184xA\UC284xA
UC384xA
UNITS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Under-Voltage Lockout Section
Start Threshold
x842A/4A
15
16
17
14.5
16
17.5
V
x843A/5A
7.8
8.4
9.0
7.8
8.4
9.0
V
Min. Operation Voltage After
x842A/4A
9
10
11
8.5
10
11.5
V
Turn On
x843A/5A
7.0
7.6
8.2
7.0
7.6
8.2
V
PWM Section
Maximum Duty Cycle
x842A/3A
94
96
100
94
96
100
%
x844A/5A
47
48
50
47
48
50
%
Minimum Duty Cycle
0
0
%
Total Standby Current
Start-Up Current
0.3
0.5
0.3
0.5
mA
Operating Supply Current
VPIN 2 =VPIN 3 = 0V
11
17
11
17
mA
VCC Zener Voltage
ICC = 25mA
30
34
30
34
V
Note 2: Ensured by design, but not 100% production tested.
Note 3: Parameter measured at trip point of latch with VPIN2 = 0.
Note 4: Gain defined as: A
VPIN
VPIN
= ∆
1
3
;0
VPIN 3
0.8V.
Note 5: Adjust VCC above the start threshold before setting at 15V.
Note 6: Output frequency equals oscillator frequency for the UC1842A and UC1843A. Output frequency is one half oscillator fre-
quency for the UC1844A and UC1845A.
Note 7: “Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temp Stability
VREF max
VREF min
TJ max
TJ min
=
()
(
)
()
(
)
.VREF (max) and VREF (min) are the maximum & minimum reference volt-
age measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes
in temperature.”
Note 8: This parameter is measured with RT = 10k
to VREF.This contributes approximately 300 A of current to the measurement.
The total current flowing into the RT/C pin will be approximately 300 A higher than the measured value.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for –55
°C ≤ TA ≤ 125°C for the
UC184xA; –40
°C ≤ TA ≤ 125°C for the UC284xAQ; –40°C ≤ TA ≤ 85°C for the UC284xA; 0 ≤ TA ≤ 70°C for the UC384xA; VCC = 15V
(Note 5); RT = 10k; CT = 3.3nF; TA =TJ; Pin numbers refer to DIL-8.
Error Amp Configuration
Error Amp can Source and Sink up to 0.5mA, and Sink up to 2mA.


同様の部品番号 - UC1843AJQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1843AJQMLV TI-UC1843AJQMLV Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC1843AJQMLV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com