データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3825AQTR データシート(PDF) 9 Page - Texas Instruments

部品番号 UC3825AQTR
部品情報  High Speed PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC3825AQTR データシート(HTML) 9 Page - Texas Instruments

Back Button UC3825AQTR Datasheet HTML 5Page - Texas Instruments UC3825AQTR Datasheet HTML 6Page - Texas Instruments UC3825AQTR Datasheet HTML 7Page - Texas Instruments UC3825AQTR Datasheet HTML 8Page - Texas Instruments UC3825AQTR Datasheet HTML 9Page - Texas Instruments UC3825AQTR Datasheet HTML 10Page - Texas Instruments UC3825AQTR Datasheet HTML 11Page - Texas Instruments UC3825AQTR Datasheet HTML 12Page - Texas Instruments UC3825AQTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334C − AUGUST 1995 − REVISED AUGUST 2004
www.ti.com
9
CONTROL METHODS
UDG−95109
UDG−95110
Current Mode
Voltage Mode
.
Figure 8. Control Methods
SYNCHRONIZATION
The oscillator can be synchronized by an external pulse inserted in series with the timing capacitor. Program the free
running frequency of the oscillator to be 10% to 15% slower than the desired synchronous frequency. The pulse width
should be greater than 10 ns and less than half the discharge time of the oscillator. The rising edge of the CLK/LEB pin
can be used to generate a synchronizing pulse for other chips. Note that the CLK/LEB pin no longer accepts an incoming
synchronizing signal.
Figure 9. General Oscillator Synchronization
UDG−95111
UDG−95113
Figure 10. Two Unit Interface
UDG−95112
Figure 11. Operational Waveforms


同様の部品番号 - UC3825AQTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3825AQ TI-UC3825AQ Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825AQ TI1-UC3825AQ Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825AQG3 TI-UC3825AQG3 Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

同様の説明 - UC3825AQTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com