データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12082 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL12082
部品情報  I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12082 データシート(HTML) 1 Page - Intersil Corporation

  ISL12082 Datasheet HTML 1Page - Intersil Corporation ISL12082 Datasheet HTML 2Page - Intersil Corporation ISL12082 Datasheet HTML 3Page - Intersil Corporation ISL12082 Datasheet HTML 4Page - Intersil Corporation ISL12082 Datasheet HTML 5Page - Intersil Corporation ISL12082 Datasheet HTML 6Page - Intersil Corporation ISL12082 Datasheet HTML 7Page - Intersil Corporation ISL12082 Datasheet HTML 8Page - Intersil Corporation ISL12082 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
®
FN6731.3
ISL12082
I2C-Bus
Real Time Clock with Two Interrupts, Alarm, and Timer
Low Power RTC with Battery ReSeal,
2 IRQs, Hundredths of a Second Time,
and Crystal Compensation
The ISL12082 device is a low power real time clock with
timing and crystal compensation, clock/calendar, power fail
indicator, 2 IRQs, periodic or polled alarm, timer/watchdog,
and intelligent battery backup switching.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, seconds and hundredths of a second. The
device has calendar registers for date, month, year and day
of the week. The calendar is accurate through 2099, with
automatic leap year correction.
Pinouts
ISL12082
(8 LD SOIC)
TOP VIEW
ISL12082
(10 LD MSOP)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, Seconds, and
Hundredths of a Second
- Day of the Week, Day, Month, and Year
• 4 Selectable Frequency Outputs
• Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
•Timer
- 4 Selectable Timer Functions
- 4 Selectable Timer Clock Frequencies
- Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Supercapacitor
• Power Failure Detection
• Battery ReSeal
• On-Chip Oscillator Compensation
•I2C Interface
- 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Small Package Options
- 8 Ld SOIC Package
- 10 Ld MSOP Package
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
1
2
3
4
8
7
X1
X2
GND
VDD
IRQ1/fOUT
SCL
SDA
IRQ2
5
6
VDD
IRQ1/fOUT
SCL
SDA
IRQ2
X1
X2
VBAT
NC
1
2
3
4
5
10
9
8
7
6
GND
Data Sheet
November 24, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V. Copyright Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL12082

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12082 INTERSIL-ISL12082 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12082 INTERSIL-ISL12082 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
ISL12082IB8Z RENESAS-ISL12082IB8Z Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
ISL12082IB8Z-T RENESAS-ISL12082IB8Z-T Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
More results

同様の説明 - ISL12082

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com