データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12059IBZ-T データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL12059IBZ-T
部品情報  Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12059IBZ-T データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL12059IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 9Page - Intersil Corporation ISL12059IBZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6757.0
June 15, 2009
General Description
The ISL12059 device is a low power real time clock with
clock/calendar, and 512Hz/Digital Output function.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL12059 to supply a timebase for the real
time clock. Refer to Figure 4.
The device can also be driven directly from a 32.768kHz
square wave source with peak-to-peak voltage from 0V to
VDD at X1 pin with X2 pin floating.
FT/OUT(512Hz Frequency Output/Logic Output)
This dual function pin can be used as a 512Hz frequency
output or a simple digital output control via I2C. The FT/OUT
mode is selected via the OUT and FT control bits of the
control/status register (address 07h). The FT/OUT pin is an
open drain output that requires the use of a pull-up resistor,
and it can accept a pull-up voltage up to 5.5V. This pin is at
high impedance at power-up.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the
device. The input buffer on this pin is always active (not gated).
The SCL pin can accept a logic high voltage up to 5.5V.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out
of the device. It has an open drain output and may be ORed
with other open drain or open collector outputs. The input
buffer is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor,
and it can accept a pull-up voltage up to 5.5V. The output
circuitry controls the fall time of the output signal with the use
of a slope controlled pull-down. The circuit is designed for
400kHz I2C interface speeds.
NOTE: Parts will work with SDA pull-up voltage above the VPULLUP
limit but the tAA and tFin the I
2C parameters are not guaranteed.
VDD, GND
Chip power supply and ground pins. The device will have full
operation with a power supply from 1.8V to 3.6V, and
timekeeping function with a power supply from 1.4V to 3.6V.
A 0.1µF decoupling capacitor is recommended on the VDD
pin to ground.
NC (No Connection)
The NC pin is not connected to the die. The pin can be
connected to GND or left floating.
Functional Description
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz quartz
crystal to maintain an accurate internal representation of
second, minute, hour, day of week, date, month, and year. The
RTC also has leap-year correction. The RTC also corrects for
months having fewer than 31 days. The clock will begin
incrementing after power-up with valid oscillator condition.
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 2. IDD1 vs VDD
FIGURE 3. IDD1 vs TEMPERATURE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.41.9
2.42.9
3.4
VDD (V)
0.2
0.4
0.6
0.8
1.0
-40
-20
0
204060
80
TEMPERATURE (°C)
3.0
1.8
1.4
3.6
FIGURE 4. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL12059


同様の部品番号 - ISL12059IBZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12059IBZ-T RENESAS-ISL12059IBZ-T Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
More results

同様の説明 - ISL12059IBZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com