データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24020 データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL24020
部品情報  Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24020 データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL24020 Datasheet HTML 2Page - Intersil Corporation ISL24020 Datasheet HTML 3Page - Intersil Corporation ISL24020 Datasheet HTML 4Page - Intersil Corporation ISL24020 Datasheet HTML 5Page - Intersil Corporation ISL24020 Datasheet HTML 6Page - Intersil Corporation ISL24020 Datasheet HTML 7Page - Intersil Corporation ISL24020 Datasheet HTML 8Page - Intersil Corporation ISL24020 Datasheet HTML 9Page - Intersil Corporation ISL24020 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6735.0
October 2, 2008
Where:
• i = 1 to 2 for dual and 1 to 4 for quad
•VS = Total supply voltage
•ISMAX = Maximum supply current per amplifier
•VOUTi = Maximum output voltage of the application
•ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat.
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and
a quad package be configured as a unity gain follower. The
inverting input should be directly connected to the output
and the non-inverting input tied to the ground plane.
Power Supply Bypassing and Printed Circuit
Board Layout
The ISL24020 can provide gain at high frequency. As with
any high-frequency device, good printed circuit board layout
is necessary for optimum performance. Ground plane
construction is highly recommended, lead lengths should be
as short as possible and the power supply pins must be well
bypassed to reduce the risk of oscillation. For normal single
supply operation, where the VS- pin is connected to ground,
a 0.1µF ceramic capacitor should be placed from VS+ to pin
to VS- pin. A 4.7µF tantalum capacitor should then be
connected in parallel, placed in the region of the amplifier.
One 4.7µF capacitor may be used for multiple devices. This
same capacitor combination should be placed at each
supply pin to ground if split supplies are to be used.
ISL24020


同様の部品番号 - ISL24020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24020 INTERSIL-ISL24020 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
ISL24020IHTZ-T7 RENESAS-ISL24020IHTZ-T7 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
More results

同様の説明 - ISL24020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com