データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22317UFRTZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL22317UFRTZ
部品情報  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317UFRTZ データシート(HTML) 1 Page - Intersil Corporation

  ISL22317UFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6912.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V. Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22317
Precision Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, I2CBus, 128 Taps
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the I2C
bus interface. The potentiometer has an associated volatile
Wiper Register (WR) and a non-volatile Initial Value Register
(IVR) that can be directly written to and read by the user. The
contents of the WR control the position of the wiper. At
power up, the device recalls the contents of the DCP’s IVR
to the WR.
The highly precise ISL22317 features a low end-to-end
temperature coefficient of TC_Ref ±10ppm/°C and precise
resistance selection. It maintains less than ±1% typical
variance from the ideal resistance at each wiper position
providing 99% accuracy of selected resistance value. This
highly accurate DCP eliminates the need for complex
algorithms to guarantee precision. The ISL22317 allows the
user to dial in an accurate resistance and the EEPROM
memory stores the set value for life, or until changed by the
user.
An external 0.5% or better reference resistor must be
attached to the ISL22317. The ISL22317 will mirror both the
precise resistance and temperature coefficient of the
external resistor.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Precision Digitally Controlled Potentiometer
- 99% Typical Accuracy Of Resistance Over Operational
Conditions
- Zero-Compensated Wiper Resistance
• Integrated Digitally Controlled Potentiometer
- 128-Tap Positions
-I2C Serial Interface
- Pin Selectable Slave Address
-10k
Ω, 50kΩ and 100kΩTotal Resistance
- Monotonic Over-Temperature
- Non-Volatile EEPROM Storage of Wiper Position
- 0 to VCC Terminal Voltage
• Single 2.7V to 5.5V Supply
• High Reliability
- 50 Years Retention @
≤ +55°C
- 15 Years Retention @ +125°C
- 1,000,000 Cycles Endurance
• 3mmx3mm Thin DFN Package – 0.75mm Max Thickness,
0.65mm Pitch
• Pb-Free (RoHS Compliant)
Applications
• Setting Precise Current Values for DC Margining and
Backlight Control
• Replaces Complex Compensation Circuitry That Stores
Values in Look-up Tables Needed for Precise Resistor
Setting
• Setting Precise Resistance Values for Test and
Measurement Circuits
• Adjust Specific Resistances in Analog Circuits
• Precise Calibration and Fine Tune-Up
Pinout
ISL22317
(10 LD TDFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
SCL
SDA
A1
REF_A
REF_B
VCC
RH
RW
RL
GND
Data Sheet
May 26, 2009


同様の部品番号 - ISL22317UFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317UFRTZ RENESAS-ISL22317UFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

同様の説明 - ISL22317UFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317_10 Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com