データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54222AIRU1Z-T データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL54222AIRU1Z-T
部品情報  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRU1Z-T データシート(HTML) 3 Page - Intersil Corporation

  ISL54222AIRU1Z-T Datasheet HTML 1Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 2Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 3Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 4Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 5Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 6Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 7Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 8Page - Intersil Corporation ISL54222AIRU1Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN6902.0
May 13, 2009
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54222AIRUZ-T* (Note 2)
X
-40 to +85
10 Ld 1.8x1.4mm µTQFN (Tape and Reel)
L10.1.8x1.4A
ISL54222AIRU1Z-T* (Note 2)
GS
-40 to +85
10 Ld 2.1x1.6mm µTQFN (Tape and Reel)
L10.2.1x1.6A
ISL54222AIRTZ (Note 3)
222A
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54222AIRTZ-T* (Note 3)
222A
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54222AIUZ (Note 3)
4222A
-40 to +85
10 Ld MSOP
M10.118
ISL54222AIUZ-T* (Note 3)
4222A
-40 to +85
10 Ld MSOP (Tape and Reel)
M10.118
ISL54222AIRUEVAL1Z
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTES:
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
ISL54222A


同様の部品番号 - ISL54222AIRU1Z-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54222AIRU1Z-T INTERSIL-ISL54222AIRU1Z-T Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRU1Z-T RENESAS-ISL54222AIRU1Z-T Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

同様の説明 - ISL54222AIRU1Z-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com