データシートサーチシステム |
|
ISL54223IRUZ-T データシート(PDF) 2 Page - Intersil Corporation |
|
ISL54223IRUZ-T データシート(HTML) 2 Page - Intersil Corporation |
2 / 13 page 2 FN6836.1 May 27, 2009 Pinouts ISL54223 (10 LD 2.1 X 1.6 µTQFN) TOP VIEW NOTE: 1. Switches Shown for SEL = Logic “1” and OE = Logic “0”. 1 3 4 OE HSD2+ HSD2- HSD1+ 2 10 5 7 8 HSD1- D+ D- 9 6 SEL LOGIC CONTROL Truth Table OE SEL HSD1-, HSD1+ HSD2-, HSD2+ 0 0 ON OFF 01 OFF ON 1X OFF OFF Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with a 1.8V to 3.3V Supply. Pin Descriptions PIN NAME DESCRIPTION VDD Power Supply GND Ground Connection SEL Select Logic Control Input OE Bus Switch Enable D+, D-, HSDx+, HSDx- USB Data Port Ordering Information PART NUMBER (Note) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL54223IRUZ-T* GN -40 to +85 10 Ld 2.1x1.6mm µTQFN Tape and Reel L10.2.1x1.6A *Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL54223 |
同様の部品番号 - ISL54223IRUZ-T |
|
同様の説明 - ISL54223IRUZ-T |