データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59923IRZ データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL59923IRZ
部品情報  Triple Analog Video Delay Lines
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59923IRZ データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL59923IRZ Datasheet HTML 7Page - Intersil Corporation ISL59923IRZ Datasheet HTML 8Page - Intersil Corporation ISL59923IRZ Datasheet HTML 9Page - Intersil Corporation ISL59923IRZ Datasheet HTML 10Page - Intersil Corporation ISL59923IRZ Datasheet HTML 11Page - Intersil Corporation ISL59923IRZ Datasheet HTML 12Page - Intersil Corporation ISL59923IRZ Datasheet HTML 13Page - Intersil Corporation ISL59923IRZ Datasheet HTML 14Page - Intersil Corporation ISL59923IRZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6826.1
May 28, 2009
Applications Information
The ISL59920, ISL59921, ISL59922, and ISL59923 are
triple analog delay lines that provide skew compensation
between three high-speed signals. These devices
compensate for time skew introduced by a typical CAT-5,
CAT-6 or CAT-7 cable with differing electrical lengths (due to
different twist ratios) on each pair. Via their SPI interface,
these devices can be programmed to independently
compensate for the three different cable delays while
maintaining 80MHz bandwidth at their maximum setting.
There are four different variations of the ISL5992x (ISL5992x
will be used when talking about characteristics that are
common to all four devices).
FIGURE 32. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.54W
θ
JA =
31
°C
/W
QF
N2
0
4.5
4.0
3.5
3.0
2.0
1.0
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
2.5
1.5
0.5
FIGURE 33. ISL59920, ISL59921, ISL59922, ISL59923 BLOCK DIAGRAM
+
+
+
+
+
+
DELAY LINE
DELAY LINE
DELAY LINE
18
17
SENABLE
SCLOCK
SDATA
X2
19
3
10
8
9
RIN
GIN
BIN
CONTROL LOGIC
BOUT
GOUT
ROUT
512
14
20
11
13
15
2
4
6
CENABLE 7
C
[BOTTOM PLATE]
16
1
TABLE 1.
PART NUMBER
MAX DELAY
(ns)
NOMINAL DELAY
INCREMENT
(ns)
ISL59920
62
2.0
ISL59921
46.5
1.5
ISL59922
31
1.0
ISL59923
30
2.0
ISL59920, ISL59921, ISL59922, ISL59923


同様の部品番号 - ISL59923IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59923IRZ RENESAS-ISL59923IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

同様の説明 - ISL59923IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com