データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAR1000 データシート(PDF) 3 Page - Cypress Semiconductor

部品番号 STAR1000
部品情報  1M Pixel Radiation Hard CMOS Image Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 データシート(HTML) 3 Page - Cypress Semiconductor

  STAR1000_09 Datasheet HTML 1Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 2Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 3Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 4Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 5Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 6Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 7Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 8Page - Cypress Semiconductor STAR1000_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 3 of 21
Average dark current at
293K
223
ρA/cm2
Dark current signal
3135
e-/s
Dark current rises 425 e-/s per Krad.
DSNU signal
1.055% of Vsat
DSNU rises 14 e-/s per Krad.
Optical cross-talk
at 600 nm
Vertical: 16%
Horizontal: 17.5%
Anti-blooming capacity
x 1000
Output amplifier gain
x1, x2.47, x4.59 and x8.64
Controlled by 2 bits.
Analogue input
bandwidth
9.5
MHz
Analogue input signal
range
0.1 to 4.9
V
Analog-to-Digital
converter
10
bit
Radiation-tolerant version of the ADC on Ibis4 and
other image sensors.
ADC Differential
Non-Linearity (DNL)
<= ±3.5
LSB
ADC Integral
Non-Linearity (INL)
<= ±5.8
LSB
Integral non-linearity of ADC is better than linearity
of image sensor.
Supply voltage
5
V
Digital input signals are 3.3V compatible.
Power dissipation
<350
<100
mW
With internal ADC powered.
Without internal ADC powered.
Both values measured at nominal speed (12 MHz).
Table 2. Electro-optical Specifications of the STAR1000 Sensor (continued)
Parameter
Value
Comment
Typical Value
Unit
[+] Feedback


同様の部品番号 - STAR1000_09

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
More results

同様の説明 - STAR1000_09

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
   STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
logo
Cypress Semiconductor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
   CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com