データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK17T88-RF25ITR データシート(PDF) 11 Page - Cypress Semiconductor

部品番号 STK17T88-RF25ITR
部品情報  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF25ITR データシート(HTML) 11 Page - Cypress Semiconductor

Back Button STK17T88-RF25ITR Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 9Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 10Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 11Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 12Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 13Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 14Page - Cypress Semiconductor STK17T88-RF25ITR Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 11 of 22
MODE Selection
E
W
G
A14-A0
Mode
I/O
Power
Notes
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
LH
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Output Data
Output Data
Output Data
Output Data
Output Data
Active
17,18, 19
0x0FC0
Nonvolatile Store
Output High Z
ICC2
LH
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
17,18, 19
Notes
17. The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
18. While there are 15 addresses on the STK17T88, only the lower 13 are used to control software modes.
19. I/O state depends on the state of G. The I/O table shown assumes G low.
[+] Feedback


同様の部品番号 - STK17T88-RF25ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

同様の説明 - STK17T88-RF25ITR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com