データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK22C48-NF45TR データシート(PDF) 8 Page - Cypress Semiconductor

部品番号 STK22C48-NF45TR
部品情報  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-NF45TR データシート(HTML) 8 Page - Cypress Semiconductor

Back Button STK22C48-NF45TR Datasheet HTML 4Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 5Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 6Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 7Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 8Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 9Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 10Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 11Page - Cypress Semiconductor STK22C48-NF45TR Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 8 of 14
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
45
ns
tRC
[6]
tAVAV, tELEH
Read Cycle Time
25
45
ns
tAA
[7]
tAVQV
Address Access Time
25
45
ns
tDOE
tGLQV
Output Enable to Data Valid
10
20
ns
tOHA
[7]
tAXQX
Output Hold After Address Change
5
5
ns
tLZCE
[8]
tELQX
Chip Enable to Output Active
5
5
ns
tHZCE
[8]
tEHQZ
Chip Disable to Output Inactive
10
15
ns
tLZOE
[8]
tGLQX
Output Enable to Output Active
0
0
ns
tHZOE
[8]
tGHQZ
Output Disable to Output Inactive
10
15
ns
tPU
[5]
tELICCH
Chip Enable to Power Active
0
0
ns
tPD
[5]
tEHICCL
Chip Disable to Power Standby
25
45
ns
Switching Waveforms
Figure 7. SRAM Read Cycle 1: Address Controlled [6, 7]
Figure 8. SRAM Read Cycle 2: CE and OE Controlled [6]
Notes
6. WE and HSB must be High during SRAM Read cycles.
7. Device is continuously selected with CE and OE both Low.
8. Measured ±200 mV from steady state output voltage.
[+] Feedback


同様の部品番号 - STK22C48-NF45TR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK22C48-NF45TR SIMTEK-STK22C48-NF45TR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45TR SIMTEK-STK22C48-NF45TR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

同様の説明 - STK22C48-NF45TR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com