データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14CA8-NF35ITR データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 STK14CA8-NF35ITR
部品情報  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-NF35ITR データシート(HTML) 5 Page - Cypress Semiconductor

  STK14CA8-NF35ITR Datasheet HTML 1Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 2Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 3Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 4Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-NF35ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 5 of 16
SRAM READ Cycles #1 and #2
Figure 6. SRAM READ Cycle #1: Address Controlled[3, 4, 6]
Figure 7. SRAM READ Cycle #2: E and G Controlled[3, 6]
NO.
Symbols
Parameter
STK14CA8-25 STK14CA8-35 STK14CA8-45
Units
#1
#2
Alt.
Min
Max
Min
Max
Min
Max
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
[3]
tELEH
[3]
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
[4]
tAVQV
[4]
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQX
[4]
tAXQX
[4]
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Address Change or Chip Enable to
Output Active
33
3
ns
7
tEHQZ
[5]
tHZ
Address Change or Chip Disable to
Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
[5]
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
[2]
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
[2]
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
Notes
3. W must be high during SRAM READ cycles.
4. Device is continuously selected with E and G both low
5. Measured
± 200mV from steady state output voltage.
6. HSB must remain high during READ and WRITE cycles
2
29
11
7
9
10
8
4
3
6
1
[+] Feedback


同様の部品番号 - STK14CA8-NF35ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14CA8-NF35ITR SIMTEK-STK14CA8-NF35ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF35ITR SIMTEK-STK14CA8-NF35ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

同様の説明 - STK14CA8-NF35ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com