データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK22C48-SF45I データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 STK22C48-SF45I
部品情報  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-SF45I データシート(HTML) 4 Page - Cypress Semiconductor

  STK22C48-SF45I Datasheet HTML 1Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 2Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 3Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 4Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 5Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 4 of 14
Figure 3. AutoStore Inhibit Mode
Hardware STORE (HSB) Operation
The STK22C48 provides the HSB pin for controlling and
acknowledging the STORE operations. The HSB pin is used to
request a hardware STORE cycle. When the HSB pin is driven
LOW, the STK22C48 conditionally initiates a STORE operation
after tDELAY. An actual STORE cycle only begins if a Write to the
SRAM takes place since the last STORE or RECALL cycle. The
HSB pin also acts as an open drain driver that is internally driven
LOW to indicate a busy condition, while the STORE (initiated by
any means) is in progress. Pull up this pin with an external 10K
ohm resistor to VCAP if HSB is used as a driver.
SRAM Read and Write operations, that are in progress when
HSB is driven LOW by any means, are given time to complete
before the STORE operation is initiated. After HSB goes LOW,
the STK22C48 continues SRAM operations for tDELAY. During
tDELAY, multiple SRAM Read operations take place. If a Write is
in progress when HSB is pulled LOW, it allows a time, tDELAY to
complete. However, any SRAM Write cycles requested after
HSB goes LOW are inhibited until HSB returns HIGH.
During any STORE operation, regardless of how it is initiated,
the STK22C48 continues to drive the HSB pin LOW, releasing it
only when the STORE is complete. After completing the STORE
operation, the STK22C48 remains disabled until the HSB pin
returns HIGH.
If HSB is not used, it is left unconnected.
Hardware RECALL (Power Up)
During power up or after any low power condition (VCC <
VRESET), an internal RECALL request is latched. When VCC
once again exceeds the sense voltage of VSWITCH, a RECALL
cycle is automatically initiated and takes tHRECALL to complete.
Data Protection
The STK22C48 protects data from corruption during low voltage
conditions by inhibiting all externally initiated STORE and Write
operations. The low voltage condition is detected when VCC is
less than VSWITCH. If the STK22C48 is in a Write mode (both CE
and WE are low) at power up after a RECALL or after a STORE,
the Write is inhibited until a negative transition on CE or WE is
detected. This protects against inadvertent writes during power
up or brown out conditions.
Noise Considerations
The STK22C48 is a high speed memory. It must have a high
frequency bypass capacitor of approximately 0.1 µF connected
between VCC and VSS, using leads and traces that are as short
as possible. As with all high speed CMOS ICs, careful routing of
power, ground, and signals reduce circuit noise.
Hardware Protect
The STK22C48 offers hardware protection against inadvertent
STORE operation and SRAM Writes during low voltage condi-
tions. When VCAP<VSWITCH, all externally initiated STORE
operations and SRAM Writes are inhibited. AutoStore can be
completely disabled by tying VCC to ground and applying +5V to
VCAP. This is the AutoStore Inhibit mode; in this mode, STOREs
are only initiated by explicit request using either the software
sequence or the HSB pin.
Low Average Active Power
CMOS technology provides the STK22C48 the benefit of
drawing significantly less current when it is cycled at times longer
than 50 ns. Figure 4 shows the relationship between ICC and
Read or Write cycle time. Worst case current consumption is
shown for both CMOS and TTL input levels (commercial temper-
ature range, VCC = 5.5V, 100% duty cycle on chip enable). Only
standby current is drawn when the chip is disabled. The overall
average current drawn by the STK22C48 depends on the
following items:
The duty cycle of chip enable
The overall cycle rate for accesses
The ratio of Reads to Writes
CMOS versus TTL input levels
The operating temperature
The VCC level
IO loading
[+] Feedback


同様の部品番号 - STK22C48-SF45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK22C48-SF45I SIMTEK-STK22C48-SF45I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45I SIMTEK-STK22C48-SF45I Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

同様の説明 - STK22C48-SF45I

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com