データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF199 データシート(PDF) 1 Page - Motorola, Inc

部品番号 BF199
部品情報  RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF199 データシート(HTML) 1 Page - Motorola, Inc

  BF199 Datasheet HTML 1Page - Motorola, Inc BF199 Datasheet HTML 2Page - Motorola, Inc BF199 Datasheet HTML 3Page - Motorola, Inc BF199 Datasheet HTML 4Page - Motorola, Inc BF199 Datasheet HTML 5Page - Motorola, Inc BF199 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
RF Transistor
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
25
Vdc
Collector – Base Voltage
VCBO
40
Vdc
Emitter – Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
25
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
40
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
ICBO
100
nAdc
Order this document
by BF199/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BF199
CASE 29–04, STYLE 21
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
3
BASE
2
EMITTER


同様の部品番号 - BF199

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
   NPN medium frequency transistor
1997 Jul 07
logo
Micro Electronics
BF199 MICRO-ELECTRONICS-BF199 Datasheet
50Kb / 1P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTOR
logo
Fairchild Semiconductor
BF199 FAIRCHILD-BF199 Datasheet
25Kb / 3P
   NPN RF Transistor
logo
NXP Semiconductors
BF199 NXP-BF199 Datasheet
108Kb / 6P
   NPN medium frequency transistor
2004 Nov 08
logo
Continental Device Indi...
BF199 CDIL-BF199 Datasheet
138Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

同様の説明 - BF199

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com