データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42540A データシート(PDF) 6 Page - Extech Instruments Corporation.

部品番号 42540A
部品情報  High Temperature InfraRed Thermometer with Laser Pointer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42540A データシート(HTML) 6 Page - Extech Instruments Corporation.

  42540A Datasheet HTML 1Page - Extech Instruments Corporation. 42540A Datasheet HTML 2Page - Extech Instruments Corporation. 42540A Datasheet HTML 3Page - Extech Instruments Corporation. 42540A Datasheet HTML 4Page - Extech Instruments Corporation. 42540A Datasheet HTML 5Page - Extech Instruments Corporation. 42540A Datasheet HTML 6Page - Extech Instruments Corporation. 42540A Datasheet HTML 7Page - Extech Instruments Corporation. 42540A Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Model 42540A V2.1 January 2006
6
Battery Replacement
When the battery symbol
appears empty or close to empty, replace the
meter’s 9V battery. The battery compartment is located behind the panel
that surrounds the meter’s trigger. The panel can be pried open near the
trigger and folded down as shown in the diagram. Replace the 9V battery
and close the battery compartment cover.
IR Measurement Notes
1.
The object under test should be larger than the spot (target) size calculated by the field
of view diagram (printed on the side of the meter and in this guide).
2.
Before measuring, be sure to clean surfaces that are covered with frost, oil, grime, etc.
3.
If an object's surface is highly reflective, apply masking tape or flat black paint to the
surface before measuring. Allow time for the paint or tape to adjust to the temperature
of the surface it is covering.
4.
Measurements through transparent surfaces such as glass may not be accurate.
5.
Steam, dust, smoke, etc. can obscure measurements.
6.
The meter automatically compensates for deviations in ambient temperature. However,
it can take up to 30 minutes for the meter to adjust to extremely wide changes.
7.
To find a hot spot, aim the meter outside the area of interest then scan across (in an up
and down motion) until the hot spot is located.
Field of View
The meter’s field of view is 16:1. For example, if the meter is 16 inches from the target
(spot), the diameter of the target must be at least 1 inch. Other distances are shown in the
field of view diagram. Note that measurements should normally be made as close as
possible to the device under test. The meter can measure from moderate distances but the
measurement may be affected by external sources of light. In addition, the spot size may
be so large that it encompasses surface areas not intended to be measured.


同様の部品番号 - 42540A

メーカー部品番号データシート部品情報
logo
Heyco.
4254 HEYCO-4254 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42542 EXTECH-42542 Datasheet
821Kb / 1P
   High Temperature IR Thermometer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results

同様の説明 - 42540A

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42510A EXTECH-42510A Datasheet
210Kb / 10P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
logo
Roithner LaserTechnik G...
SHP980-25F ROITHNER-SHP980-25F Datasheet
381Kb / 3P
   Infrared Laser Pointer
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
Roithner LaserTechnik G...
SHP980-25 ROITHNER-SHP980-25 Datasheet
371Kb / 3P
   Infrared Laser Pointer
logo
Extech Instruments Corp...
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
logo
Roithner LaserTechnik G...
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
   Infrared Diode Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com