データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42542 データシート(PDF) 1 Page - Extech Instruments Corporation.

部品番号 42542
部品情報  High Temperature IR Thermometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42542 データシート(HTML) 1 Page - Extech Instruments Corporation.

  42542 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
4/24/08 R1
Measures up to 1832ºF
With 30 to 1 distance to target ratio
High Temperature IR Thermometer
Ordering Information:
42542..................High Temperature IR Thermometer
42542-NIST ........42542 with NIST Certificate
Features:
High Temperature range from -58° to 1832°F (-50 to 1000˚C)
30 to 1 distance to target ratio measures
smaller surface areas at greater distances
Adjustable high/low alarm alerts user visually and audibly when
temperature exceeds programmed limits
Adjustable emissivity for better accuracy on different surfaces
MIN/MAX/AVG/DIF features display highest, lowest, average,
and MAX minus MIN values
Large backlit display allows for taking measurements
at night or in areas with low background light
Laser pointer identifies target area
High resolution of 0.1º up to 199.9º
Automatic Data Hold when trigger released
Auto power off
Complete with 9V battery and hard carrying case
Specifications
Range
-58 to 1832°F (-50 to 1000°C)
Basic Accuracy
±2% of rdg or 4°F/ 2°C whichever is greater <932°F (500°C);
±(2.5%rdg + 5°)>932°F (500°C)
Max. Resolution
0.1°F/°C
Emissivity
0.1 to 1.00 Adjustable
Field of View (Distance to Target)
30:1
Dimensions
3.9 x 2.2 x 9" (100 x 56 x 230mm)
Weight
10.2oz (290g)
Thermometer
200" distance
4" target
(500cm:10cm)
100" distance
2" target
(250cm:5cm)
50" distance
1" target
(125cm:2.5cm)
Measure non-contact surface temperature
on automotive applications


同様の部品番号 - 42542

メーカー部品番号データシート部品情報
logo
Heyco.
4254 HEYCO-4254 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42540A EXTECH-42540A Datasheet
332Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results

同様の説明 - 42542

メーカー部品番号データシート部品情報
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
RH401 EXTECH-RH401 Datasheet
153Kb / 8P
   Digital Psychrometer IR Thermometer
logo
List of Unclassifed Man...
MLX90601C ETC1-MLX90601C Datasheet
175Kb / 12P
   SPI IR thermometer module
logo
Extech Instruments Corp...
IR301 EXTECH-IR301 Datasheet
121Kb / 2P
   Combination IR Stem Thermometer
logo
Micrel Semiconductor
MLX90601B MICREL-MLX90601B Datasheet
116Kb / 8P
   Analog IR thermometer module
logo
Extech Instruments Corp...
42511 EXTECH-42511 Datasheet
306Kb / 11P
   Dual Laser InfraRed (IR) Thermometer
DV40 EXTECH-DV40 Datasheet
288Kb / 1P
   NCV Voltage Detector IR Thermometer
MO295 EXTECH-MO295 Datasheet
289Kb / 1P
   Pinless Moisture Psychrometer IR Thermometer
MO297 EXTECH-MO297 Datasheet
241Kb / 1P
   Pinless Moisture Psychrometer IR Thermometer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com