データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3825A データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3825A
部品情報  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC3825A データシート(HTML) 2 Page - Texas Instruments

  UC3825A Datasheet HTML 1Page - Texas Instruments UC3825A Datasheet HTML 2Page - Texas Instruments UC3825A Datasheet HTML 3Page - Texas Instruments UC3825A Datasheet HTML 4Page - Texas Instruments UC3825A Datasheet HTML 5Page - Texas Instruments UC3825A Datasheet HTML 6Page - Texas Instruments UC3825A Datasheet HTML 7Page - Texas Instruments UC3825A Datasheet HTML 8Page - Texas Instruments UC3825A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
DIL-16, SOIC-16, (Top View)
J or N Package; DW Package
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for
the UC1823A,B and UC1825A,B; –40°C to +85°C for the UC2823A,B and UC2825A,B; 0°C to +70°C for the UC3823A,B and
UC3825A,B; RT = 3.65k, CT = 1nF, VCC = 12V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TJ = 25°C, Io = 1mA
5.05
5.1
5.15
V
Line Regulation
12 < VCC < 20V
2
15
mV
Load Regulation
1mA < IO < 10mA
5
20
mV
Total Output Variation
Line, Load, Temp
5.03
5.17
V
Temperature Stability
TMIN < TA <TMAX (Note 1)
0.2
0.4
mV/°C
Output Noise Voltage
10Hz < f < 10kHz (Note 1)
50
µVRMS
Long Term Stability
TJ = 125°C, 1000 hours (Note 1)
5
25
mV
Short Circuit Current
VREF = 0V
30
60
90
mA
The UC3825A,B has dual alternating outputs and the
same pin configuration of the UC3825. The UC3823A,B
outputs operate in phase with duty cycles from zero to
less than 100%. The pin configuration of the UC3823A,B
is the same as the UC3823 except pin 11 is now an out-
put pin instead of the reference pin to the current limit
comparator. “A” version parts have UVLO thresholds
identical to the original UC3823/25. The “B” versions
have UVLO thresholds of 16 and 10V, intended for ease
of use in off-line applications.
Consult Application Note U-128 for detailed technical
and applications information. Contact the factory for fur-
ther packaging and availability information.
DESCRIPTION (cont.)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VC, VCC) . . . . . . . . . . . . . . . . . . . . . . . . . 22V
Output Current, Source or Sink (Pins OUTA, OUTB)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5
µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2A
Power Ground (PGND). . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.2V
Analog Inputs
(INV, NI, RAMP) . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 7V
(ILIM, SS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6V
Clock Output Current (CLK/LEB) . . . . . . . . . . . . . . . . . . . –5mA
Error Amplifier Output Current (EAOUT) . . . . . . . . . . . . . . 5mA
Soft Start Sink Current (SS) . . . . . . . . . . . . . . . . . . . . . . . 20mA
Oscillator Charging Current (RT) . . . . . . . . . . . . . . . . . . . –5mA
Power Dissipation at TA = 60°C . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . . 300°C
All currents are positive into, negative out of the specified ter-
minal. Consult Packaging Section of Databook for thermal limi-
tations and considerations of packages.
PLCC-20, LCC-20, (Top View)
Q, L Packages
Device
UVLO
Dmax
UC3823A
9.2V/8.4V
< 100%
UC3823B
16V/10V
< 100%
UC3825A
9.2V/8.4V
< 50%
UC3825B
16V/10V
< 50%


同様の部品番号 - UC3825A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3825A TI-UC3825A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825A TI-UC3825A Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3825A TI-UC3825A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825A TI1-UC3825A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825A TI1-UC3825A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

同様の説明 - UC3825A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com