データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP150R-96S12J データシート(PDF) 2 Page - Emerson Network Power

部品番号 TLP150R-96S12J
部品情報  Single output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMERSON-NETWORKPOWER [Emerson Network Power]
ホームページ  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150R-96S12J データシート(HTML) 2 Page - Emerson Network Power

  TLP150R-96S12J Datasheet HTML 1Page - Emerson Network Power TLP150R-96S12J Datasheet HTML 2Page - Emerson Network Power TLP150R-96S12J Datasheet HTML 3Page - Emerson Network Power TLP150R-96S12J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.7.8.09_146
TLP150
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
Thermalperformance:
Operatingambient,
(Seederatingcurve)
0°Cto+70°C
Non-operating
-40°Cto+85°C
0°Cto50°Cambient,
200LFMforcedair
150W
0°Cto50°Cambient,
convectioncooled
100W
50°Cto70°Cambient,
Deratelinearlyto50%load
Relativehumidity:
Non-condensing
5-95%RH
Altitude:
Operating
10,000feetmax.
Non-operating
30,000feetmax.
Vibration(SeeNote7):
5-500Hz
2.4Grmspeak
Shock:
perMIL-STD-810E
516.4PartIV
EMCCharacteristics
Conductedemissions:
EN55022,FCCpart15
LevelB
harmoniccurrentcorrection:
EN61000-3-2
Compliant
ESDair:
EN61000-4-2
Level3
ESDcontact:
EN61000-4-2
Level3
Fasttransients:
EN61000-4-4
Level4
Surge:
EN61000-4-5
Level4
Conductedimmunity:
EN61000-4-6
Level3
GeneralSpecifications
Hold-uptime:
85Vac@60Hz
20ms@150W
Efficiency:
115Vac@150W
230Vac@150W
81%typ.
84%typ.
Isolationvoltage:
Input/output
Input/chassis
3000Vac
1500Vac
Safetyapprovals:
(seenote6)
UL/cULUL60950-1/CSA22.2No.60950-1
VDEEN60950-1/IEC60950-1
Weight:
260g(9.2oz)
MTBF(@25
ºC)
TelcordiaSR-332
MIL-HDBK-217F
900,000hoursmin.
350,000hoursmin.


同様の部品番号 - TLP150R-96S12J

メーカー部品番号データシート部品情報
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
837Kb / 4P
   150 W on main channel with only 200 LFM
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results

同様の説明 - TLP150R-96S12J

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com