データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAC10-4-RC データシート(PDF) 1 Page - Allied Components International

部品番号 SMAC10-4-RC
部品情報  Surface Mount Air Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLIED [Allied Components International]
ホームページ  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC10-4-RC データシート(HTML) 1 Page - Allied Components International

  SMAC10-4-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductors
SMAC10 & 15
1.65
2.55
3.85
5.45
5.60
7.15
8.80
9.85
12.55
10%
10%
5%
5%
5%
5%
5%
5%
5%
100
100
100
100
100
100
100
100
100
4.0
5.0
6.0
8.0
9.0
10.0
12.0
13.0
14.0
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
Allied
Part
Number
SMAC10-2-RC
SMAC10-3-RC
SMAC10-4-RC
SMAC10-5-RC
SMAC15-6-RC
SMAC15-7-RC
SMAC15-8-RC
SMAC15-9-RC
SMAC15-10-RC
2
3
4
5
6
7
8
9
10
Turns
Inductance
(nh)
Q
Min.
±
±
±
±
±
±
±
±
±
DCR
Max.
(mΩ)
IDC
A
(Max.)
Available in tighter tolerances.
Nominal Footprint
SMAC15
SMAC10
Tinned Length
90
°
Max.
0
°
Min.
SMAC10
SMAC15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
0.035±0.01
(0.89±0.25)
.087± .01
(2.2±0.25)
.159±0.01
(4.04±0.30)
.056±.005
(1.42±0.13)
.056±.005
(1.42±0.13)
.054±.006
(1.37±0.15)
.054±.006
(1.37±0.15)
0.072±0.01
(1.83±0.25)
0.035±0.01
(0.89±0.25)
0.144±0.012
(3.66±0.30)
Dimensions:
Inches
(mm)
800
800
800
800
800
800
800
800
800
Test
Freq.
(MHz)
10.2
8.2
7.5
7.0
6.5
6.0
6.0
5.2
4.6
SRF
Min.
(GHz)
0.040
(1.02)
0.040
(1.02)
0.097
(2.46)
0.097
(2.46)
0.031
(0.79)
0.031
(0.79)
0.041
(1.04)
0.113
(2.87)
All specifications subject to change without notice.
REVISED 03/10/09
Features
• Small low profile air core design
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• Available in tight tolerances
• Excellent for high Q applications
Electrical
Impedance range: 1.65nH to 12.55nH
Tolerance:
1.65nH 10% only, 2.55nH
Operating Temp: -40ºC to +125ºC
Test Frequency: 800Mhz
available in 2%
Test Equipment
(SRF):
HP8753E or HP8720D
(L/Q): HP4291B with HP16193
Physical
Packaging: 1000 pieces per 7” reel
Marking: None
available in 5%, 3.85nH to 12.55nH


同様の部品番号 - SMAC10-4-RC

メーカー部品番号データシート部品情報
logo
Allied Components Inter...
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-3J-RC ALLIED-SMAC10-3J-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-3J-RC ALLIED-SMAC10-3J-RC Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
More results

同様の説明 - SMAC10-4-RC

メーカー部品番号データシート部品情報
logo
Allied Components Inter...
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22G-RC ALLIED-SMAC25-22G-RC Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-30 ALLIED-SMAC20-30 Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC60 ALLIED-SMAC60 Datasheet
1Mb / 1P
   Surface Mount Air Core Inductor
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com