データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC230HT-271L-RC データシート(PDF) 1 Page - Allied Components International

部品番号 TC230HT-271L-RC
部品情報  Toroidal Chokes High Temp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLIED [Allied Components International]
ホームページ  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC230HT-271L-RC データシート(HTML) 1 Page - Allied Components International

  TC230HT-271L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 38A
Electrical
Inductance Range: 1.2µh to 1000µh
Additional values available
Tolerance: 15% over entire range
( )TC230HT-1R2L-RC
( )TC230HT-1R8L-RC
( )TC230HT-2R7L-RC
( )TC230HT-3R9L-RC
( )TC230HT-4R7L-RC
( )TC230HT-5R6L-RC
( )TC230HT-6R8L-RC
( )TC230HT-8R2L-RC
( )TC230HT-100L-RC
( )TC230HT-120L-RC
( )TC230HT-150L-RC
( )TC230HT-180L-RC
( )TC230HT-220L-RC
( )TC230HT-270L-RC
( )TC230HT-330L-RC
( )TC230HT-390L-RC
( )TC230HT-470L-RC
( )TC230HT-560L-RC
( )TC230HT-680L-RC
( )TC230HT-820L-RC
( )TC230HT-101L-RC
( )TC230HT-121L-RC
( )TC230HT-151L-RC
( )TC230HT-181L-RC
Allied
Part
Number
Inductance
(
µH)
L(µH)
@
I rated
IDC
(A)
DIM
(Nom)
1.2
1.8
2.7
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
38.7
34.6
31.6
29.2
27.3
25.8
24.5
24.3
23.3
22.4
20.8
20.2
19.0
14.3
13.6
13.0
10.0
9.7
9.2
8.8
8.3
8.0
7.5
7.2
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.18
1.14
1.14
1.14
1.13
1.13
1.13
1.13
1.17
1.17
1.17
1.17
.066
.066
.066
.066
.066
.066
.066
.066
.066
.066
.066
.066
.066
.053
.053
.053
.042
.042
.042
.042
.042
.042
.042
.042
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC230HT-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
1.0
1.5
2.2
3.1
3.7
4.3
5.1
6.0
7.2
8.5
10.3
12.2
14.5
19.2
23.0
26.7
34.7
40.8
48.5
57.4
68.3
80.5
97.9
114.5
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.56
.53
.53
.53
.52
.52
.52
.52
.56
.56
.56
.56
.002
.003
.003
.004
.004
.005
.005
.005
.006
.006
.007
.007
.008
.014
.015
.017
.028
.030
.034
.037
.041
.045
.050
.055
Tolerance
(%)
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroidal Chokes High Temp
TC230HT
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.65
(16.51)
MAX
A
B
C
1.28
(32.51)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(12.70)
• Available in Horizontal or Vertical configuration
• Optional Tape Cover
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +200ºC
Temp Rise:
∆ T=50ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
REVISED 8/10/09
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C
• High Temperature rating up to 200ºC
( )TC230HT-221L-RC
( )TC230HT-271L-RC
( )TC230HT-331L-RC
( )TC230HT-391L-RC
( )TC230HT-471L-RC
( )TC230HT-561L-RC
( )TC230HT-681L-RC
( )TC230HT-821L-RC
( )TC230HT-102L-RC
220
270
330
390
470
561
680
820
1000
6.8
6.5
4.9
4.7
4.5
3.4
3.2
3.1
2.9
1.17
1.17
1.16
1.16
1.16
1.14
1.14
1.14
1.17
.042
.042
.037
.037
.037
.027
.027
.027
.027
136.6
163.2
218.3
252.8
297.9
389.1
461.4
545.2
648.2
.56
.56
.54
.54
.54
.53
.53
.53
.58
.061
.067
.100
.130
.140
.240
.270
.300
.330
15
15
15
15
15
15
15
15
15


同様の部品番号 - TC230HT-271L-RC

メーカー部品番号データシート部品情報
logo
Allied Components Inter...
TC230HT-271L-RC ALLIED-TC230HT-271L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
More results

同様の説明 - TC230HT-271L-RC

メーカー部品番号データシート部品情報
logo
Allied Components Inter...
TC230HT ALLIED-TC230HT Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT-1R0L-RC ALLIED-TC210HT-1R0L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT ALLIED-TC210HT Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT-1R0L-RC ALLIED-TC210HT-1R0L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com