データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2050FP-E2 データシート(PDF) 12 Page - Rohm

部品番号 BU2050FP-E2
部品情報  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2050FP-E2 データシート(HTML) 12 Page - Rohm

Back Button BU2050FP-E2 Datasheet HTML 8Page - Rohm BU2050FP-E2 Datasheet HTML 9Page - Rohm BU2050FP-E2 Datasheet HTML 10Page - Rohm BU2050FP-E2 Datasheet HTML 11Page - Rohm BU2050FP-E2 Datasheet HTML 12Page - Rohm BU2050FP-E2 Datasheet HTML 13Page - Rohm BU2050FP-E2 Datasheet HTML 14Page - Rohm BU2050FP-E2 Datasheet HTML 15Page - Rohm BU2050FP-E2 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
12/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU2099FV】
Pin descriptions
Pin No.
Pin Name
I/O
Function
1
VSS
-
GND
2
N.C.
-
Non connected
3
DATA
I
Serial Data Input
4
CLOCK
I
Shift clock of Shift register (Rising Edge Trigger)
5
LCK
I
Latch clock of Storage register (Rising Edge Trigger)
6~17
Q0~Q11
(Qx)
O
Parallel Data Output (Nch Open Drain FET)
Latch Data
L
H
Output FET
ON
OFF
18
SO
O
Serial Data Output
19
OE
I
Output Enable Control Input *OE pin is pulled down to Vss.
20
VDD
-
Power Supply
Timing chart
Fig. 7
1.
After the power is turned on and the voltage is stabilized, LCK should be activates, after clocking 12 data bits into
the DATA terminal.
2.
Qx parallel output data of the shift register is set after the 12
th clock by the LCK.
3.
Since the LCK is a label latch, data is retained in the “L” section and renewed in the “H” section of the LCK.
4.
Data retained in the internal latch circuit is output when the OE is in the “L” section.
5.
The final stage data of the shift register is output to the SO by synchronizing with the rise time of the CLOCK.
Truth Table]
Input
Function
CLOCK
DATA
LCK
OE
×
×
×
H
All the output data output “H” with pull-up.
×
×
×
L
The Q0~Q11 output can be enable and output the data of storage register.
L
×
×
Store “L” in the first stage data of shift register, the previous stage data in the
others. (The conditions of storage register and output have no change.)
H
×
×
Store “H” in the first stage data of shift register, the previous stage data in the
others. (The conditions of storage register and output have no change.)
×
×
×
The data of shift register has no change.
SO outputs the final stage data of shift register with synchronized falling
edge of CLOCK, not controlled by OE.
×
×
×
The data of shift register is transferred to the storage register.
×
×
×
The data of storage register has no change.
The Q0~Q11 output have a Nch open drain Tr. The Tr is ON when data from shift register is “L”, and Tr is OFF when data is “H”.
CLOCK
LCK
DATA
DATA12
DATA11
DATA10
DATA2
DATA1
OE
Qx
Previous DATA
DATA
SO
Previous
DATA 11
Previous
DATA 11
DATA12
DATA11
“H”


同様の部品番号 - BU2050FP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BU2050FP-E2 ROHM-BU2050FP-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

同様の説明 - BU2050FP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com