データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2050FP-E2 データシート(PDF) 16 Page - Rohm

部品番号 BU2050FP-E2
部品情報  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2050FP-E2 データシート(HTML) 16 Page - Rohm

Back Button BU2050FP-E2 Datasheet HTML 12Page - Rohm BU2050FP-E2 Datasheet HTML 13Page - Rohm BU2050FP-E2 Datasheet HTML 14Page - Rohm BU2050FP-E2 Datasheet HTML 15Page - Rohm BU2050FP-E2 Datasheet HTML 16Page - Rohm BU2050FP-E2 Datasheet HTML 17Page - Rohm BU2050FP-E2 Datasheet HTML 18Page - Rohm BU2050FP-E2 Datasheet HTML 19Page - Rohm BU2050FP-E2 Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
16/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BD7851FP】
Timing characteristics (Unless otherwise specified, VCC=5V, Ta=25℃)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Frequency CLOCK
fclk
-
-
10
MHz
Pulse Width CLOCK
twh
20
50
-
ns
CLOCK
Pulse Width LATCH
twh
40
50
-
ns
LATCH
Pulse Width ENABLE
tw
30
-
-
ns
ENABLE
Rise Time / Fall Time
tr / tf
-
30
100
ns
CLOCK
Setup Time
tSU
30
50
-
ns
S_IN-CLOCK
30
50
-
LATCH-CLOCK
Hold Time
th
30
50
-
ns
S_IN-CLOCK
30
50
-
LATCH-CLOCK
Rise Time
tr
-
300
-
ns
OUTn
-
-
50
SOUT
Fall Time
tf
-
300
-
ns
OUTn
-
-
50
SOUT
Propagation
tpLH
-
400
650
ns
CLK-SOUT, LATCH
ENABLE-OUTn
tpHL
-
300
400
CLK-SOUT, LATCH
ENABLE-OUTn
Reference Current of Output Current
This is a data for the standard sample, not guaranteed the characteristic.
Fig. 13
R_Iref-VOUT
Notes the increase of consumption current Icc, in case sets the voltage of VOUT lower. See the graph above.
Fig. 14
0
50
100
150
200
250
0.1
1
10
100
R_Iref [kΩ]
[Condition]
Vcc=5.0V, Vo=5.0V, Ta=25℃
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
R_Iref [kΩ]
[Condition]
Vcc=5.0V, Ta=27℃, all bit : ON
The reference current of output current is determined by the
external resistor.
(between 2pin and GND )


同様の部品番号 - BU2050FP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BU2050FP-E2 ROHM-BU2050FP-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

同様の説明 - BU2050FP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com