データシートサーチシステム |
|
CAB-8SR データシート(PDF) 1 Page - Ohmite Mfg. Co. |
|
CAB-8SR データシート(HTML) 1 Page - Ohmite Mfg. Co. |
|
1 / 1 page 10 Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 11 Surface Mount Resistor Assortments Series Wattage Ohms Assortment of Variety Contents CAB–6SR 0.100 10–1M S10 Series 63 values 1000pc CAB–8SR 0.125 10–1M S12 Series 63 values 1000pc CAB–12SR 0.250 10–1M S25 Series 63 values 1000pc CAB–25SR 1.000 10–1M S00 Series 63 values 1000pc CAB–PSR1 0.8–3.5 0.01–5M RF, RP & RW 64 values 445pc CAB-6SR (0.10 watt) CAB-8SR (0.125 watt) CAB-12SR (0.25 watt) CAB-25SR (1.0 watt) CAB-PSR1 (0.8 watt - 3.5 watts) C A B I N E T C O N T E N T S 0 20 10 30 12.1 10 15 10 18.2 10 22.1 10 27.4 10 33.2 10 39.2 10 47.5 30 56.2 10 68.1 10 82.5 10 100 30 121 10 150 10 182 10 221 30 274 10 332 20 392 20 475 30 562 20 681 20 825 10 1,000 50 1,210 10 1,500 10 1,820 10 2,210 20 2,740 20 3,320 10 3,920 10 4,750 20 5,620 10 6,810 10 8,250 10 10,000 50 12,100 10 15,000 10 18,200 10 22,100 30 27,400 20 33,200 10 39,200 10 47,500 10 56,200 10 68,100 10 82,500 10 100,000 50 121,000 10 150,000 10 182,000 30 221,000 10 274,000 10 332,000 10 392,000 10 475,000 20 562,000 10 681,000 10 825,000 10 100,0000 20 2,000,000 10 0.01 1.0 RW1S0BAR010J 10 0.01 1.5 RW1S5CAR010J 10 0.01 2.0 RW2R0CBR010J 10 0.01 3.5 RW3R5EAR010J 10 0.02 1.0 RW1S0BAR020J 5 0.02 2.0 RW2R0DAR020J 5 0.03 1.5 RW1S5CAR030J 5 0.03 3.5 RW3R5EAR030J 5 0.05 1.0 RW1S0BAR050J 10 0.05 2.0 RW2S0CBR050J 5 0.08 1.5 RW1S5CAR080J 5 0.08 3.5 RW3R5EAR080J 5 0.10 1.0 RW1S0BAR100J 10 0.10 1.5 RW1S5CAR100J 10 0.10 2.0 RW2S0DAR100J 10 0.10 3.5 RW3R5EAR100J 10 0.20 1.5 RW1S5CAR200J 5 0.20 3.5 RW3R5EAR200J 5 0.30 1.0 RW1S0BAR300J 5 0.30 2.0 RW2R0CBR300J 5 0.50 1.5 RW1S5CAR500J 5 0.50 3.5 RW3R5EAR500J 5 1.00 1.0 RW1S0BA1R00J 10 1.00 1.0 RF1S0CA1R00J 10 1.00 2.0 RP2S0DA1R00J 10 1.00 3.0 RP3R0EA1R00J 10 2.00 0.8 RF0S8BA2R00J 5 2.00 2.0 RP2R0DA2R00J 5 3.00 1.0 RF1S0CA3R00J 5 3.00 3.0 RP3R0EA3R00J 5 4.70 0.8 RF0S8BA4R70J 5 4.70 2.0 RP2S0DA4R70J 5 10.00 0.8 RF0S8BA10R0J 10 10.00 1.25 RP1S3CA10R0J 10 10.00 2.0 RP2R0DA10R0J 10 10.00 3.0 RP3R0EA10R0J 10 20.00 0.8 RF0S8BA20R0J 5 20.00 2.0 RP2S0DA20R0J 5 47.70 1.25 RP1S3CA47R0J 5 47.70 3.0 RP3R0EA47R0J 5 100 0.8 RF0S8BA100RJ 5 100 2.0 RP2R0DA100RJ 5 470 0.8 RF0S8BA470RJ 5 470 2.0 RP2R0DA470RJ 5 470 3.0 RP3R0EA470RJ 5 1,000 0.8 RF0S8BA1K00J 10 1,000 1.25 RP1S3CA1K00J 10 1,000 2.0 RP2R0DA1K00J 10 1,000 3.0 RP3R0EA1K00J 10 4,770 0.8 RF0S8BA4K70J 5 4,770 2.0 RP2R0DA4K70J 5 10,000 1.25 RP1S3CA10K0J 5 10,000 3.0 RP3R0EA10K0J 5 47,000 1.25 RP1S3CA47K0J 5 47,000 3.0 RP3R0EA47K0J 5 100,000 1.0 RF1S0CA100KJ 5 100,000 2.0 RP2S0DA100KJ 5 470,000 0.8 RF0S8BA470KJ 5 470,000 3.0 RP3R0EA470KJ 5 1,000,000 0.8 RF0S8BA1M00J 10 1,000,000 1.5 RP1S5CB1M00J 10 1,000,000 2.0 RP2S0DA1M00J 10 1,000,000 3.0 RP3R0EA1M00J 10 5,000,000 1.5 RP1S5CB5M00J 5 Specifications on pages 7-9 F E A T U R E S • Placement application tools and supplies included in each cabinet: 10g adhesive 1 transfer pin collett (mechanical pencil) 1 adhesive transfer pin 2 10cc syringes 4 syringe needles 1 pair tweezers 2 optical magnifiers (3x & 6x) • Resistors packed by value in clearly identified vials. • Cabinet drawers clearly identify contents. S P E C I F I C A T I O N S CAB-6SR (0.1W), 8SR (0.125W), 12SR (0.25W) & 25SR (1W) Cermet–type “chip” resistors 0–2.0MΩ 5% Tolerance 1000 Pieces 63 Values Chip resistor package sizes: 0.1 watt: 0603 0.125 watt: 0805 0.25 watt: 1206 1 watt: 2512 Material Passivated Cermet resistive ele- ment on a high purity alumina substrate, pre–tinned wrap- around terminals. Resistive element has protective coating to assure mechanical and environmental integrity. Electrical Resistance tolerance: ±5% Power rating (@70°C): 6SR, 0.1watt; 8SR, 0.125 watt; 12SR, 0.25 watt; 25SR, 1 watt Operating temperature range: –55°C to +150°C Limiting voltage: 50 VRMS Temperature coefficient: ±100 ppm/°C CAB-PSR1 Wirewound and metal film power surface mount resistors 0.8–3.5 watt 0.01Ω–5MΩ 5% Tolerance 445 Pieces 64 Values Material Wirewound or film construction housed in UL94V0 rated molding compound. Electrical Resistance tolerance: ±5% Power rating (@70°C): 0.8–3.5 watts Operating temperature range: –55°C to +125°C Max. voltage: 50 to 750 VRMS, depending on construction. Temperature coefficient: ±50 to ±250 ppm/°C, depending on construction. This product has been DISCONTINUED |
同様の部品番号 - CAB-8SR |
|
同様の説明 - CAB-8SR |