データシートサーチシステム |
|
TCA1C107M8R データシート(PDF) 1 Page - Rohm |
|
TCA1C107M8R データシート(HTML) 1 Page - Rohm |
1 / 12 page TC Series A Case Tantalum capacitors Rev.D 1/11 Chip tantalum capacitors TC Series A Case Features (A) 1) Vital for all hybrid integrated circuits board application. 2) Wide capacitance range. 3) Screening by thermal shock. Dimensions (Unit : mm) Dimensions L H S W2 W1 S S W H L W Anode mark 2 1 (Unit : mm) 3.2 0.2 +− 1.6 0.2 +− 1.2 0.2 +− 1.6 0.2 +− 0.8 0.3 +− A case + − Part No. Explanation M 0 J 8 R T 1 0 6 C A Rated voltage Capacitance tolerance Nominal capacitance in pF in 3 digits: 2 significant figures followed by the figure representing the number of 0's. 8 : Tape width R : Positive electrode on the side opposite to sprocket hole 1 6 1 3 6 4 2 5 1 1 Series name TC 2 Case style 3 4 Nominal capacitance 5 Taping 20% M : +− 10% K : +− 4 CODE 6.3 0J 10 1A 16 1C 20 25 1D 1E Rated voltage (V) 0G TC A |
同様の部品番号 - TCA1C107M8R |
|
同様の説明 - TCA1C107M8R |