データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCTOM0G156M8R データシート(PDF) 4 Page - Rohm

部品番号 TCTOM0G156M8R
部品情報  Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TCTOM0G156M8R データシート(HTML) 4 Page - Rohm

  TCTOM0G156M8R Datasheet HTML 1Page - Rohm TCTOM0G156M8R Datasheet HTML 2Page - Rohm TCTOM0G156M8R Datasheet HTML 3Page - Rohm TCTOM0G156M8R Datasheet HTML 4Page - Rohm TCTOM0G156M8R Datasheet HTML 5Page - Rohm TCTOM0G156M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.A
Data Sheet
TCTO Series M Case
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101− 3)
Temperature
Stability
Surge voltage
Shall be satisfied the voltage on " Standard list "
As per 4.29 JIS C 5101-1
As per 4.13 JIS C 5101-3
As per 4.23 JIS C 5101-1
As per 4.15 JIS C 5101-3
As per 4.35 JIS C 5101-1
As per 4.9 JIS C 5101-3
Temp.
Appearance
There should be no significant abnormality.
Temp.
−55
°C
+105
°C
Df (tan
δ)
L.C.
L.C.
Less than 1.0CV
Shall be satisfied the voltage on " Standard list "
Df (tan
δ)
∆C / C
Within 0/
−20% of initial value
∆C / C
Within
+50/0% of initial value
Loading at
High temperature
∆C / C
Df (tan
δ)
L.C.
L.C.
Less than 200% of initial value
Less than 200% of initial limit
After applying the rated voltage for 1000
+36/0 h without
discontinuation via the serial resistance of 3
Ω or less
at a temperature of 85
±2°C, leave the sample at room
temperature / humidity for 24h and measure the value.
As per 4.26JIS C 5101-1
As per 4.14JIS C 5101-3
Apply the specified surge voltage every 5
±0.5 min.
for 30
±5 s. each time in the atmospheric condition of 85±2°C.
Repeat this procedure 1,000 times.
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
Df (tan
δ)
Less than 300% of initial limit
Less than 400% of initial limit
∆C / C
Within
±20% of initial value
There should be no significant abnormality.
Appearance
There should be no significant abnormality.
Appearance
Terminal
strength
The measured value should be stable.
A force is applied to the terminal until it bends to 1mm and
by a prescribed tool maintain the condition for 5s.
(See the figure below)
Capacitance
1
F (Apply force)
(Unit : mm)
20
50
R230
45
45
thickness=1.6mm
Within
±20% of initial value
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during
the measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.


同様の部品番号 - TCTOM0G156M8R

メーカー部品番号データシート部品情報
logo
Rohm
TCTOAL0E105M8R ROHM-TCTOAL0E105M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E106M8R ROHM-TCTOAL0E106M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E107M8R ROHM-TCTOAL0E107M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E156M8R ROHM-TCTOAL0E156M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E157M8R ROHM-TCTOAL0E157M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

同様の説明 - TCTOM0G156M8R

メーカー部品番号データシート部品情報
logo
Rohm
TCTO_P ROHM-TCTO_P Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_AL ROHM-TCTO_AL Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com