データシートサーチシステム |
|
TCTPL1A157M8R データシート(PDF) 2 Page - Rohm |
|
TCTPL1A157M8R データシート(HTML) 2 Page - Rohm |
2 / 7 page 2/6 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.04 - Rev.D Data Sheet TCT Series PL Case Rated table Rated voltage (V) Remark) Case size codes (PL) in the above show products line-up. ∗ Under development ( µF) 4 0G 2.5 0E 4.7 (475) 6.8 (685) 10 (106) 15 (156) 22 (226) 33 (336) 47 (476) 68 (686) 100 (107) 330 (337) 470 (477) 150 (157) 6.3 0J 10 1A 16 1C 20 1D 35 1V PL PL PL PL PL ∗PL ∗PL ∗PL ∗PL PL ∗PL 2.2 (225) 1.0 (105) ∗PL ∗PL 1.5 (155) ∗PL ∗PL ∗PL ∗PL ∗PL 25 1E 3.3 (335) 220 (227) ∗PL NEW Marking The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of PL case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code Rated DC Voltage (V) Capacitance Code Nominal Capacitance ( µF) [PL case] note 1) note 2) voltage code and capacitance code are variable with parts number − (1) j − (2) n g j A C D V 4 e 2.5 6.3 10 16 20 35 S W a e j n 4.7 N 3.3 J 2.2 E 1.5 A 1.0 6.8 10 15 22 33 s47 w68 100 a E25 j n j n manufacture code |
同様の部品番号 - TCTPL1A157M8R |
|
同様の説明 - TCTPL1A157M8R |