データシートサーチシステム |
|
TCTPL1D157M8R データシート(PDF) 4 Page - Rohm |
|
TCTPL1D157M8R データシート(HTML) 4 Page - Rohm |
4 / 7 page 4/6 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.04 - Rev.D Data Sheet TCT Series PL Case Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101− 3) Temperature Stability Surge voltage Shall be satisfied the voltage on " Standard list " As per 4.29 JIS C 5101-1 As per 4.13 JIS C 5101-3 As per 4.23 JIS C 5101-1 As per 4.15 JIS C 5101-3 As per 4.35 JIS C 5101-1 As per 4.9 JIS C 5101-3 Temp. Appearance There should be no significant abnormality. Temp. −55 °C +85 °C Df (tan δ) L.C. L.C. Less than 0.5CV Shall be satisfied the voltage on " Standard list " Df (tan δ) Shall be satisfied the voltage on " Standard list " Df (tan δ) L.C. Less than 0.625CV Temp. +125 °C ∆C / C Within +15/0% of initial value ∆C / C Within +20/0% of initial value ∆C / C Within +15/0% of initial value − Loading at High temperature ∆C / C Df (tan δ) L.C. L.C. Less than 200% of initial value Less than 200% of initial limit After applying the rated voltage for 2000 +72/0 h without discontinuation via the serial resistance of 3 Ω or less at a temperature of 85 ±2°C, leave the sample at room temperature / humidity for over 24h and measure the value. As per 4.26JIS C 5101-1 As per 4.14JIS C 5101-3 Apply the specified surge voltage every 5 ±0.5 min. for 30 ±5 s. each time in the atmospheric condition of 85±2°C. Repeat this procedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample. Df (tan δ) Less than 200% of initial limit Less than 200% of initial limit ∆C / C Within ±20% of initial value There should be no significant abnormality. Appearance There should be no significant abnormality. Appearance Terminal strength The measured value should be stable. A force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (See the figure below) Capacitance 1 F (Apply force) (Unit : mm) 20 50 R230 45 45 thickness=1.6mm Within ±20% of initial value |
同様の部品番号 - TCTPL1D157M8R |
|
同様の説明 - TCTPL1D157M8R |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |