データシートサーチシステム |
|
380AH010NF08 データシート(PDF) 2 Page - Glenair, Inc. |
|
380AH010NF08 データシート(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 61 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. 1. Metric dimensions (mm) are indicated in parentheses. 2. Cable range is defined as the accommoda- tions range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 3. When using Connector Designator B refer to pages 18 and 19 for part number develop- ment. Cable Range Dash No. 02 03 04 05 06 07 08 10 Min .125 (3.2) .250 (6.4) .312 (7.9) .437 (11.1) .562 (14.3) .687 (17.4) .812 (20.6) 1.062 (27.0) K Max .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.843 (46.8) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.250 (31.8) TABLE V: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 L Max .656 (16.7) .781 (19.8) .906 (23.0) 1.031 (26.2) 1.156 (29.4) 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) Cable Entry Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE VI: CABLE ENTRY TABLE II: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel 380-010 EMI/RFI Non-Environmental Backshell with Strain Relief Type D - Direct Coupling - Standard Profile TABLE IV: ELBOW DIMENSIONS G Max .750 (19.1) .750 (19.1) .810 (20.6) .870 (22.1) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.140 (29.0) 1.200 (30.5) 1.480 (37.6) H Max 1.050 (26.7) 1.050 (26.7) 1.110 (28.2) 1.170 (29.7) 1.300 (33.0) 1.320 (33.5) 1.380 (35.1) 1.460 (37.1) 1.530 (38.9) 1.770 (45.0) F Max .940 (23.9) .940 (23.9) .970 (24.6) .990 (25.1) 1.040 (26.4) 1.050 (26.7) 1.070 (27.2) 1.110 (28.2) 1.140 (29.0) 1.310 (33.3) E Max .639 (16.2) .639 (16.2) .664 (16.9) .688 (17.5) .732 (18.6) .748 (19.0) .773 (19.6) .800 (20.3) .823 (20.9) 1.041 (26.4) Elbow Size 01 02 03 04 05 06 07 08 09 10 Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) |
同様の部品番号 - 380AH010NF08 |
|
同様の説明 - 380AH010NF08 |