データシートサーチシステム |
|
380AH007B20 データシート(PDF) 2 Page - Glenair, Inc. |
|
380AH007B20 データシート(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 35 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 Cable Range Dash No. 01 02 03 04 05 06 07 08 09 10 L Max .593 (15.1) .718 (18.2) .843 (21.4) .968 (24.6) 1.109 (28.2) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) Cable Entry Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. -445 "NESTOR" modification not available for MIL-DTL-38999 Series II. Dash No. 01 02 03 04 05 06 07 08 09 10 Min .062 (1.6) .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .875 (22.2) K Max .781 (19.8) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) TABLE V: CABLE ENTRY Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE IV: CABLE ENTRY TABLE: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel 380-007 EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief Type C - Rotatable Coupling - Standard Profile TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 36 40 61 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 E Max .639 (16.2) .664 (16.9) .688 (17.5) .705 (17.9) .732 (18.6) .748 (19.0) .773 (19.6) .800 (20.3) .823 (20.9) 1.041 (26.4) 1.138 (28.9) 1.184 (30.1) .917 (23.3) F Max 1.100 (27.9) 1.130 (28.7) 1.150 (29.2) 1.180 (30.0) 1.200 (30.5) 1.210 (30.7) 1.230 (31.2) 1.270 (32.3) 1.300 (33.0) 1.470 (37.3) 1.560 (39.6) 1.600 (40.6) 1.330 (33.8) G Max .750 (19.1) .810 (20.6) .870 (22.1) .920 (23.4) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.140 (29.0) 1.200 (30.5) 1.480 (37.6) 1.720 (43.7) 1.830 (46.5) 1.320 (33.6) H Max 1.210 (30.7) 1.270 (32.3) 1.330 (33.8) 1.400 (35.6) 1.460 (37.1) 1.480 (37.6) 1.540 (39.1) 1.620 (41.1) 1.690 (42.9) 1.930 (49.0) 2.130 (54.1) 2.240 (56.9) 1.690 (42.9) Add “-445” to Specify Glenair’s Non-Detent, ("NESTOR") Spring-Loaded, Self-Locking Coupling. See Page 41 for Details. |
同様の部品番号 - 380AH007B20 |
|
同様の説明 - 380AH007B20 |