データシートサーチシステム |
|
380SS105B18 データシート(PDF) 2 Page - Glenair, Inc. |
|
380SS105B18 データシート(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 119 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 F Max .968 (24.6) 1.031 (26.2) 1.094 (27.8) 1.156 (29.4) 1.219 (31.0) 1.250 (31.8) 1.312 (33.3) 1.344 (34.1) 1.406 (35.7) 1.500 (38.1) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) 2.531 (64.3) J Max 1.188 (30.2) 1.312 (33.3) 1.438 (36.5) 1.562 (39.7) 1.688 (42.9) 1.812 (46.0) 1.938 (49.2) 2.062 (52.4) 2.188 (55.6) 2.625 (66.7) G Max .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.156 (29.4) 1.219 (31.0) 1.250 (31.8) 1.312 (33.3) 1.625 (41.3) 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accom- modations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. TABLE X: CABLE ENTRY Dash No. 04 06 08 10 12 16 20 24 28 32 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .312 (7.9) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.437 (36.5) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) 3.020 (76.7) Cable Range Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) 2.755 (70.0) 3.255 (82.7) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) Dash No. 03* 04* 06* 08 10 12 16 20 24 28 32* 40* X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) 1.572 (39.9) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .344 (8.7) .375 (9.5) .438 (11.1) .562 (14.3) .750 (19.1) .781 (19.8) .969 (24.6) 1.125 (28.6) 1.469 (37.3) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) 2.969 (75.4) 3.531 (89.7) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) 1.187 (30.1) 1.125 (28.6) TABLE XI: CABLE ENTRY See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. TABLE II: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel 380-105 EMI/RFI Non-Environmental Backshell with Strain Relief Type F - Self-Locking - Rotatable Coupling - Full Radius Profile |
同様の部品番号 - 380SS105B18 |
|
同様の説明 - 380SS105B18 |