データシートサーチシステム |
|
380AH104M28 データシート(PDF) 2 Page - Glenair, Inc. |
|
380AH104M28 データシート(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 115 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. Metric dimensions (mm) are indicated in parenthe- ses. 2. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 3. When using Connector Designator B refer to pages 18 and 19 for part number development. TABLE X: CABLE ENTRY Dash No. 04 06 08 10 12 16 20 24 28 32 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .312 (7.9) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.437 (36.5) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) 3.020 (76.7) Cable Range Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) 2.755 (70.0) 3.255 (82.7) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) Dash No. 03* 04* 06* 08 10 12 16 20 24 28 32* 40* X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) 1.572 (39.9) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .344 (8.7) .375 (9.5) .438 (11.1) .562 (14.3) .750 (19.1) .781 (19.8) .969 (24.6) 1.125 (28.6) 1.469 (37.3) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) 2.969 (75.4) 3.531 (89.7) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) 1.187 (30.1) 1.125 (28.6) TABLE XI: CABLE ENTRY TABLE IV: ELBOW DIMENSIONS H Max 1.122 (28.5) 1.182 (30.0) 1.252 (31.8) 1.312 (33.3) 1.312 (33.3) 1.392 (35.4) 1.542 (39.2) 1.782 (45.3) 1.872 (47.5) 1.982 (50.3) 2.092 (53.1) 2.342 (59.5) F Max .982 (24.9) 1.002 (25.5) 1.032 (26.2) 1.052 (26.7) 1.052 (26.7) 1.082 (27.5) 1.152 (29.3) 1.322 (33.6) 1.362 (34.6) 1.412 (35.9) 1.452 (36.9) 1.552 (39.4) E Max .664 (16.9) .688 (17.5) .705 (17.9) .732 (18.6) .732 (18.6) .773 (19.6) .823 (20.9) 1.041 (26.4) 1.092 (27.7) 1.138 (28.9) 1.184 (30.1) 1.287 (32.7) Elbow Size 03 04 06 08 10 12 16 20 24 28 32 40 G Max .810 (20.6) .870 (22.1) .920 (23.4) .980 (24.9) .980 (24.9) 1.080 (27.4) 1.200 (30.5) 1.480 (37.6) 1.610 (40.9) 1.720 (43.7) 1.830 (46.5) 2.080 (52.8) See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. TABLE II: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel 380-104 EMI/RFI Non-Environmental Backshell with Strain Relief Type F - Direct Coupling - Standard Profile Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) |
同様の部品番号 - 380AH104M28 |
|
同様の説明 - 380AH104M28 |