データシートサーチシステム |
|
390LS011M20 データシート(PDF) 2 Page - Glenair, Inc. |
|
390LS011M20 データシート(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 39 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 Cable Range L Max .593 (15.1) .718 (18.2) .843 (21.4) .968 (24.6) 1.109 (28.2) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) See inside back cover fold-out or pages 13 and 14 for Tables I and II. 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Interface O-Ring not supplied with Connector Designator A. Dash No. 01 02 03 04 05 06 07 08 09 10 Min .062 (1.6) .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) K Max .781 (19.8) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) Max .125 (3.2) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE IV: CABLE ENTRY TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 32 36 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.698 (43.1) 1.818 (46.2) 1.838 (46.7) 1.908 (48.5) 1.998 (50.7) 2.168 (55.1) 2.168 (55.1) 2.278 (57.9) 2.278 (57.9) 2.448 (62.2) 2.698 (68.5) 2.698 (68.5) F Max 1.748 (44.4) 1.808 (45.9) 1.898 (48.2) 2.008 (51.0) 2.198 (55.8) 2.198 (55.8) 2.348 (59.6) 2.348 (59.6) 2.398 (60.9) 2.498 (63.4) 2.588 (65.7) 390-011 Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief Type C - Rotatable Coupling - Low Profile E Max .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) |
同様の部品番号 - 390LS011M20 |
|
同様の説明 - 390LS011M20 |