データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC80C51C-44IB データシート(PDF) 14 Page - TEMIC Semiconductors

部品番号 TSC80C51C-44IB
部品情報  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51C-44IB データシート(HTML) 14 Page - TEMIC Semiconductors

Back Button TSC80C51C-44IB Datasheet HTML 10Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 11Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 12Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 13Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 14Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 15Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 16Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 17Page - TEMIC Semiconductors TSC80C51C-44IB Datasheet HTML 18Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
14
MATRA MHS
Explanation of the AC Symbol
Each timing symbol has 5 characters. The first character
is always a “T” (stands for time). The other characters,
depending on their positions, stand for the name of a
signal or the logical status of that signal. The following
is a list of all the characters and what they stand for.
Example :
TAVLL = Time for Address Valid to ALE low.
TLLPL = Time for ALE low to PSEN low.
A : Address.
C : Clock.
D : Input data.
H : Logic level HIGH
I : Instruction (program memory contents).
L : Logic level LOW, or ALE.
P : PSEN.
Q : Output data.
R : READ signal.
T : Time.
V : Valid.
W : WRITE signal.
X : No longer a valid logic level.
Z : Float.
AC Parameters
TA= 0 to + 70
°C ; Vss= 0 V ; Vcc= 5 V ± 10 % ; F= 0 to 44 MHz
TA= 0 to +70
°C ; Vss= 0 V ; 2.7 V <Vcc < 5.5 V ; F= 0 to 16 MHz
TA=–40
° to +85°C; Vss= 0 V; 2.7 V<Vcc <5.5 V ; F= 0 to 16 MHz
TA= –55
° + 125°C; Vss= 0 V; Vcc= 5 V ± 10 % ; F= 0 to 40 MHz
(Load Capacitance for PORT 0, ALE and PSEN = 100 pF ; Load
Capacitance for all other outputs = 80 pF)
External Program Memory Characteristics (values in ns)
16 MHz
20 MHz
25 MHz
30 MHz
36 MHz
40 MHz
44 MHz
SYMBOL
PARAMETER
min max min max min max min max min max min max min max
TLHLL
ALE Pulse Width
110
90
70
60
50
40
30
TAVLL
Address valid to ALE
40
30
20
15
10
9
7
TLLAX
Address Hold After ALE
35
35
35
35
35
30
20
TLLIV
ALE to valid instr in
185
170
130
100
80
70
65
TLLPL
ALE to PSEN
45
40
30
25
20
15
12
TPLPH
PSEN pulse Width
165
130
100
80
75
65
54
TPLIV
PSEN to valid instr in
125
110
85
65
50
45
35
TPXIX
Input instr Hold After PSEN
0
0
0
0
0
0
0
TPXIZ
Input instr Float After PSEN
50
45
35
30
25
20
10
TPXAV
PSEN to Address Valid
55
50
40
35
30
25
15
TAVIV
Address to Valid instr in
230
210
170
130
90
80
70
TPLAZ
PSEN low to Address Float
10
10
8
6
5
5
5
External Program Memory Read Cycle
TAVIV


同様の部品番号 - TSC80C51C-44IB

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

同様の説明 - TSC80C51C-44IB

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com